Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 23Page - Cirrus Logic CS47L63 Datasheet HTML 24Page - Cirrus Logic CS47L63 Datasheet HTML 25Page - Cirrus Logic CS47L63 Datasheet HTML 26Page - Cirrus Logic CS47L63 Datasheet HTML 27Page - Cirrus Logic CS47L63 Datasheet HTML 28Page - Cirrus Logic CS47L63 Datasheet HTML 29Page - Cirrus Logic CS47L63 Datasheet HTML 30Page - Cirrus Logic CS47L63 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 300 page
background image
DS1085F3
27
CS47L35
4.1 Overview
A flexible clocking arrangement supports a wide variety of external clock references, including clocking derived from the
digital audio interface. The frequency-locked loop (FLL) circuit provides additional flexibility.
Unused circuitry can be disabled under software control to save power; low leakage currents enable extended standby/off
time in portable battery-powered applications. The CS47L35 always-on circuitry can be used in conjunction with the Apps
Processor to wake up the device following a headphone jack-detection event.
Versatile GPIO functionality is provided, including support for external accessory/push-button detection inputs.
Comprehensive interrupt functions, with status reporting, are also provided.
4.1.1
Hi-Fi Audio Codec
The CS47L35 is a high-performance, low-power audio codec that uses a simple analog architecture. Four ADCs are
incorporated, with multiplexers to support up to six analog inputs. Three DACs are incorporated, with two being switchable
between the headphone and BTL-earpiece analog output paths.
The analog outputs comprise a 30-mW (122 dB SNR) stereo headphone amplifier with ground-referenced output, a mono
(BTL) earpiece driver, and a mono Class D speaker driver capable of delivering 2.7 W into a 4-
 load. Six analog inputs
are provided (multiplexed into four input channels), each supporting single-ended or differential input modes. In differential
mode, the input path SNR is 105 dB (16 kHz sample rate, i.e., wideband voice mode). The ADC input paths can be
bypassed, supporting up to four channels of DMIC input.
The audio codec is controlled directly via register access. The simple analog architecture, combined with the integrated
tone generator, enables straightforward device configuration and testing, minimizing debug time and reducing software
effort.
The CS47L35 output drivers are designed to support a range of different system architectures. Each output path supports
independent signal mixing, equalization, filtering, and gain controls. This allows each signal path to be individually tailored
for the load characteristics. All outputs have integrated pop and click suppression features.
The headphone and earpiece output drivers are ground-referenced, powered from an integrated charge pump, enabling
high quality, power efficient headphone playback without any requirement for DC blocking capacitors. Ground loop
feedback is incorporated, providing rejection of noise on the ground connections.
The Class D speaker driver delivers excellent power efficiency. Speaker protection software is supported within the DSP
core, enabling maximum audio output without risk of damage to the external speaker. High PSRR, low leakage and
optimized supply voltage ranges enable powering from switching regulators or directly from the battery. Battery current
consumption is minimized across a wide variety of voice communication and multimedia playback use cases.
The CS47L35 is cost optimized for a wide range of mobile phone applications, and incorporates a mono Class D power
amplifier. For applications requiring more than one channel of power amplification (or when using the integrated Class D
path to drive a haptics actuator), the PDM output channels can be used to drive external PDM-input speaker drivers. The
PDM outputs can ease layout and electromagnetic compatibility by avoiding the need to run the Class D speaker output
over a long distance and across interconnects.
4.1.2
Digital Audio Core
The CS47L35 uses a core architecture based on all-digital signal routing, making digital audio effects available on all signal
paths, regardless of whether the source data input is analog or digital. The digital mixing desk allows different audio effects
to be applied simultaneously on many independent paths, while supporting a variety of sample rates. This helps support
many new audio use cases. Soft mute and unmute control allows smooth transitions between use cases without
interrupting existing audio streams elsewhere.
The CS47L35 digital core provides an extensive capability for programmable signal-processing algorithms. The
SoundClear suite of software algorithms enable advanced multimic audio features, such as transmit (TX) path noise
reduction, AEC, wind-noise reduction, and other programmable filters. Enhancements such as DRC and MBC are also
provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com