Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 78 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 78 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 74Page - Cirrus Logic CS47L63 Datasheet HTML 75Page - Cirrus Logic CS47L63 Datasheet HTML 76Page - Cirrus Logic CS47L63 Datasheet HTML 77Page - Cirrus Logic CS47L63 Datasheet HTML 78Page - Cirrus Logic CS47L63 Datasheet HTML 79Page - Cirrus Logic CS47L63 Datasheet HTML 80Page - Cirrus Logic CS47L63 Datasheet HTML 81Page - Cirrus Logic CS47L63 Datasheet HTML 82Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 300 page
background image
78
DS1085F3
CS47L35
4.4 DSP Firmware Control
DSP firmware can be configured using software packages provided by Cirrus Logic. A software programming guide can
also be provided to assist users in developing their own software algorithms—please contact your Cirrus Logic
representative for further information.
To use the DSP blocks, the required firmware configuration must first be loaded onto the device by writing the appropriate
files to the CS47L35 register map. The firmware configuration comprises program, data, and coefficient content. In some
cases, the coefficient content must be derived using tools provided in the WISCE evaluation board control software.
Details of the DSP firmware memory registers are provided in Section 4.4.1. Note that the WISCE evaluation board control
software provides support for easy loading of program, data, and coefficient content onto the CS47L35. Please contact
your Cirrus Logic representative for more details of the WISCE evaluation board control software.
After loading the DSP firmware, the DSP functions must be enabled using the associated control fields.
The audio signal paths to and from the DSP processing blocks are configured as described in Section 4.3. Note that the
DSP firmware must be loaded and enabled before audio signal paths can be enabled.
4.4.1
DSP Firmware Memory and Register Mapping
The DSP firmware memory is programmed by writing to the registers referenced in Table 4-23. Note that clocking is not
required for access to the firmware registers by the host processor.
The CS47L35 program, data, and coefficient register memory space is described in Table 4-23. The full register map
listing is provided in Section 6. The shared DSP2/DSP3 memory space is implemented at two different register address
locations; reading or writing at either address accesses the same memory data.
If multiple DSPs write to a shared-memory address at the same time, the address at which the collision occurred is
reported in the DSP2_DUALMEM_COLLISION_ADDR and DSP3_DUALMEM_COLLISION_ADDR fields. Note that
these fields are coded in 24-bit DSP data word units, and are defined relative to the base address of the shared-memory
area. The DSP2_DUALMEM_COLLISION_ADDR and DSP3_DUALMEM_COLLISION_ADDR fields provide the same
information.
The DSP memory controller provides an input to the interrupt control circuit. An interrupt event is triggered if a memory
collision occurs. Note that the DSP software should be written to ensure this never happens; the interrupt is intended for
development purposes only. See Section 4.15 for details of the interrupt-event handling.
The program firmware parameters are formatted as 40-bit words. For this reason, 3 x 32-bit register addresses are
required for every 2 x 40-bit words.
The X-memory on each DSP supports read/write access to all register fields throughout the device, including the codec
control registers, and the firmware memory of all of the integrated DSP cores. Access to the register address space is
supported using a number of register windows within the X-memory on each DSP.
Table 4-23. DSP Program, Data, and Coefficient Registers
DSP Number
Description
Register Address
Number of Registers
DSP Memory Size
DSP1
Program memory
0x08_0000–0x08_5FFE
12288
8k x 40-bit words
X-Data memory
0x0A_0000–0x0A_7FFE
16384
16k x 24-bit words
Y-Data memory
0x0C_0000–0x0C_1FFE
4096
4k x 24-bit words
Coefficient memory
0x0E_0000–0x0E_1FFE
4096
4k x 24-bit words
DSP2
Program memory
0x10_0000–0x10_EFFE
30720
20k x 40-bit words
X-Data memory
0x12_0000–0x12_BFFE
24576
24k x 24-bit words
X-Data memory (Shared DSP2/DSP3)
0x13_6000–0x13_7FFE
4096
4k x 24-bit words
Y-Data memory
0x14_0000–0x14_BFFE
24576
24k x 24-bit words
Coefficient memory
0x16_0000–0x16_1FFE
4096
4k x 24-bit words
DSP3
Program memory
0x18_0000–0x18_EFFE
30720
20k x 40-bit words
X-Data memory
0x1A_0000–0x1B_1FFE
36864
36k x 24-bit words
X-Data memory (Shared DSP2/DSP3)
0x1B_6000–0x1B_7FFE
4096
4k x 24-bit words
Y-Data memory
0x1C_0000–0x1C_BFFE
24576
24k x 24-bit words
Coefficient memory
0x1E_0000–0x1E_1FFE
4096
4k x 24-bit words



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com