Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 44Page - Cirrus Logic CS47L63 Datasheet HTML 45Page - Cirrus Logic CS47L63 Datasheet HTML 46Page - Cirrus Logic CS47L63 Datasheet HTML 47Page - Cirrus Logic CS47L63 Datasheet HTML 48Page - Cirrus Logic CS47L63 Datasheet HTML 49Page - Cirrus Logic CS47L63 Datasheet HTML 50Page - Cirrus Logic CS47L63 Datasheet HTML 51Page - Cirrus Logic CS47L63 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 300 page
background image
48
DS1085F3
CS47L35
4.3 Digital Core
The hexadecimal numbers in Fig. 4-16 indicate the corresponding x_SRCn setting for selection of that signal as an input
to another digital-core function.
The EQ blocks should be kept disabled (EQn_ENA = 0) if SYSCLK is not enabled. The x_SRCn fields for all digital core
functions should be held at 0x00 if SYSCLK is not enabled. SYSCLK must be present and enabled before selecting other
values for these fields. See Section 4.16.4 for further details (including requirements for reconfiguring SYSCLK while
digital core functions are enabled).
The sample rate for the EQ function is configured using FX_RATE; see Table 4-21. Note that the EQ, DRC, and LHPF
functions must be configured for the same sample rate. Sample-rate conversion is required when routing the EQ signal
paths to any signal chain that is configured for a different sample rate.
The FX_RATE field must not be changed if any of the associated x_SRCn fields is nonzero. The associated x_SRCn fields
must be cleared before writing a new value to FX_RATE. A minimum delay of 125
s must be allowed between clearing
the x_SRCn fields and writing to FX_RATE. See Table 4-21 for details.
The cut-off or center frequencies for the five-band EQ are set by using the coefficients held in the registers identified in
Table 4-8. These coefficients are derived using tools provided in Cirrus Logic’s WISCE™ evaluation-board control
software; please contact your Cirrus Logic representative for details.
The control registers associated with the EQ functions are described in Table 4-9.
Table 4-8. EQ Coefficient Registers
EQ
Register Addresses
EQ1
R3602 (0x0E10) to R3620 (0x0E24)
EQ2
R3624 (0x0E28) to R3642 (0x0E3A)
EQ3
R3646 (0x0E3E) to R3664 (0x0E53)
EQ4
R3668 (0x0E54) to R3686 (0x0E66)
Table 4-9. EQ Enable and Gain Control
Register Address
Bit
Label
Default
Description
R3585 (0x0E01)
FX_Ctrl2
15:4 FX_STS[11:0]
0x00 LHPF, DRC, EQ Enable Status. Indicates the status of each of the respective
signal-processing functions. Each bit is coded as follows:
0 = Disabled
1 = Enabled
[11] = EQ4
[10] = EQ3
[9] = EQ2
[8] = EQ1
[7] = DRC2 (Right)
[6] = DRC2 (Left)
[5] = DRC1 (Right)
[4] = DRC1 (Left)
[3] = LHPF4
[2] = LHPF3
[1] = LHPF2
[0] = LHPF1
R3600 (0x0E10)
EQ1_1
15:11 EQ1_B1_GAIN[4:0]
0x0C EQ1 Band 1 Gain 1 (–12 dB to +12 dB in 1-dB steps)
10:6 EQ1_B2_GAIN[4:0]
0x0C EQ1 Band 2 Gain 1 (–12 dB to +12 dB in 1-dB steps)
5:1
EQ1_B3_GAIN[4:0]
0x0C EQ1 Band 3 Gain 1 (–12 dB to +12 dB in 1-dB steps)
0
EQ1_ENA
0
EQ1 Enable
0 = Disabled
1 = Enabled
R3601 (0x0E11)
EQ1_2
15:11 EQ1_B4_GAIN[4:0]
0x0C EQ1 Band 4 Gain 1 (–12 dB to +12 dB in 1-dB steps)
10:6 EQ1_B5_GAIN[4:0]
0x0C EQ1 Band 5 Gain 1 (–12 dB to +12 dB in 1-dB steps)
0
EQ1_B1_MODE
0
EQ1 Band 1 Mode
0 = Shelving filter
1 = Peak filter
R3602 (0x0E12) to
R3620 (0x0E24)
15:0 EQ1_B1_*
EQ1_B2_*
EQ1_B3_*
EQ1_B4_*
EQ1_B5_*
—
EQ1 Frequency Coefficients. Refer to WISCE evaluation board control software for
the derivation of these field values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com