Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 39Page - Cirrus Logic CS47L63 Datasheet HTML 40Page - Cirrus Logic CS47L63 Datasheet HTML 41Page - Cirrus Logic CS47L63 Datasheet HTML 42Page - Cirrus Logic CS47L63 Datasheet HTML 43Page - Cirrus Logic CS47L63 Datasheet HTML 44Page - Cirrus Logic CS47L63 Datasheet HTML 45Page - Cirrus Logic CS47L63 Datasheet HTML 46Page - Cirrus Logic CS47L63 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 300 page
background image
DS1085F3
43
CS47L35
4.3 Digital Core
4.3.2
Digital-Core Inputs
The digital core comprises multiple input paths, as shown in Fig. 4-12. Any of these inputs may be selected as a source
to the digital mixers or signal-processing functions within the CS47L35 digital core.
Note that the outputs from other blocks within the digital core may also be selected as input to the digital mixers or
signal-processing functions within the CS47L35 digital core. Those input sources, which are not shown in Fig. 4-12, are
described separately throughout Section 4.3.
The hexadecimal numbers in Fig. 4-12 indicate the corresponding x_SRCn setting for selection of that signal as an input
to another digital-core function.
The sample rate for the input signal paths is configured by using the applicable IN_RATE, AIFn_RATE, or SLIMRXn_
RATE field; see Table 4-21. Note that sample-rate conversion is required when routing the input signal paths to any signal
chain that is configured for a different sample rate.
Table 4-7. Digital-Core Mixer Control Registers
Register Address Bit
Label
Default
Description
R1600 (0x0640)
to
R2936 (0x0B78)
15
x_STSn
Valid for every digital
core function input
(digital mixers, DSP aux
inputs, and ISRC
inputs).
0
[Digital Core function] input n status
0 = Disabled
1 = Enabled
7:1 x_VOLn
Valid for every digital
mixer input.
0x40 [Digital Core mixer] input n volume. (–32 dB to +16 dB in 1-dB steps)
0x00 to 0x20 = –32 dB
0x21 = –31 dB
0x22 = –30 dB
... (1-dB steps)
0x40 = 0 dB
... (1-dB steps)
0x50 = +16 dB
0x51 to 0x7F = +16 dB
7:0 x_SRCn
Valid for every digital
core function input
(digital mixers, DSP aux
inputs, and ISRC
inputs).
0x00 [Digital Core function] input n source select
0x00 = Silence (mute)
0x04 = Tone generator 1
0x05 = Tone generator 2
0x06 = Haptic generator
0x08 = AEC Loop-Back 1
0x09 = AEC Loop-Back 2
0x0D = Noise generator
0x10 = IN1L signal path
0x11 = IN1R signal path
0x12 = IN2L signal path
0x13 = IN2R signal path
0x20 = AIF1 RX1
0x21 = AIF1 RX2
0x22 = AIF1 RX3
0x23 = AIF1 RX4
0x24 = AIF1 RX5
0x25 = AIF1 RX6
0x28 = AIF2 RX1
0x29 = AIF2 RX2
0x30 = AIF3 RX1
0x31 = AIF3 RX2
0x38 = SLIMbus RX1
0x39 = SLIMbus RX2
0x3A = SLIMbus RX3
0x3B = SLIMbus RX4
0x3C = SLIMbus RX5
0x3D = SLIMbus RX6
0x50 = EQ1
0x51 = EQ2
0x52 = EQ3
0x53 = EQ4
0x58 = DRC1 Left
0x59 = DRC1 Right
0x5A = DRC2 Left
0x5B = DRC2 Right
0x60 = LHPF1
0x61 = LHPF2
0x62 = LHPF3
0x63 = LHPF4
0x68 = DSP1 Channel 1
0x69 = DSP1 Channel 2
0x6A = DSP1 Channel 3
0x6B = DSP1 Channel 4
0x6C = DSP1 Channel 5
0x6D = DSP1 Channel 6
0x70 = DSP2 Channel 1
0x71 = DSP2 Channel 2
0x72 = DSP2 Channel 3
0x73 = DSP2 Channel 4
0x74 = DSP2 Channel 5
0x75 = DSP2 Channel 6
0x78 = DSP3 Channel 1
0x79 = DSP3 Channel 2
0x7A = DSP3 Channel 3
0x7B = DSP3 Channel 4
0x7C = DSP3 Channel 5
0x7D = DSP3 Channel 6
0xA0 = ISRC1 INT1
0xA1 = ISRC1 INT2
0xA2 = ISRC1 INT3
0xA3 = ISRC1 INT4
0xA4 = ISRC1 DEC1
0xA5 = ISRC1 DEC2
0xA6 = ISRC1 DEC3
0xA7 = ISRC1 DEC4
0xA8 = ISRC2 INT1
0xA9 = ISRC2 INT2
0xAA = ISRC2 INT3
0xAB = ISRC2 INT4
0xAC = ISRC2 DEC1
0xAD = ISRC2 DEC2
0xAE = ISRC2 DEC3
0xAF = ISRC2 DEC4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com