Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 45Page - Cirrus Logic CS47L63 Datasheet HTML 46Page - Cirrus Logic CS47L63 Datasheet HTML 47Page - Cirrus Logic CS47L63 Datasheet HTML 48Page - Cirrus Logic CS47L63 Datasheet HTML 49Page - Cirrus Logic CS47L63 Datasheet HTML 50Page - Cirrus Logic CS47L63 Datasheet HTML 51Page - Cirrus Logic CS47L63 Datasheet HTML 52Page - Cirrus Logic CS47L63 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 300 page
background image
DS1085F3
49
CS47L35
4.3 Digital Core
Table 4-10 lists the EQ gain control settings.
R3622 (0x0E26)
EQ2_1
15:11 EQ2_B1_GAIN[4:0]
0x0C EQ2 Band 1 Gain 1
–12 dB to +12 dB in 1-dB steps
10:6 EQ2_B2_GAIN[4:0]
0x0C EQ2 Band 2 Gain 1
–12 dB to +12 dB in 1-dB steps
5:1
EQ2_B3_GAIN[4:0]
0x0C EQ2 Band 3 Gain 1
–12 dB to +12 dB in 1-dB steps
0
EQ2_ENA
0
EQ2 Enable
0 = Disabled
1 = Enabled
R3623 (0x0E27)
EQ2_2
15:11 EQ2_B4_GAIN[4:0]
0x0C EQ2 Band 4 Gain 1 (–12 dB to +12 dB in 1-dB steps)
10:6 EQ2_B5_GAIN[4:0]
0x0C EQ2 Band 5 Gain 1 (–12 dB to +12 dB in 1-dB steps)
0
EQ2_B1_MODE
0
EQ2 Band 1 Mode
0 = Shelving filter
1 = Peak filter
R3624 (0x0E28) to
R3642 (0x0E3A)
15:0 EQ2_B1_*
EQ2_B2_*
EQ2_B3_*
EQ2_B4_*
EQ2_B5_*
—
EQ2 Frequency Coefficients. Refer to WISCE evaluation board control software for
the derivation of these field values.
R3644 (0x0E3C)
EQ3_1
15:11 EQ3_B1_GAIN[4:0]
0x0C EQ3 Band 1 Gain 1 (–12 dB to +12 dB in 1-dB steps)
10:6 EQ3_B2_GAIN[4:0]
0x0C EQ3 Band 2 Gain 1 (–12 dB to +12 dB in 1-dB steps)
5:1
EQ3_B3_GAIN[4:0]
0x0C EQ3 Band 3 Gain 1 (–12 dB to +12 dB in 1-dB steps)
0
EQ3_ENA
0
EQ3 Enable
0 = Disabled
1 = Enabled
R3645 (0x0E3D)
EQ3_2
15:11 EQ3_B4_GAIN[4:0]
0x0C EQ3 Band 4 Gain1 (–12 dB to +12 dB in 1-dB steps)
10:6 EQ3_B5_GAIN[4:0]
0x0C EQ3 Band 5 Gain 1 (–12 dB to +12 dB in 1-dB steps)
0
EQ3_B1_MODE
0
EQ3 Band 1 Mode
0 = Shelving filter
1 = Peak filter
R3646 (0x0E3E) to
R3664 (0x0E50)
15:0 EQ3_B1_*
EQ3_B2_*
EQ3_B3_*
EQ3_B4_*
EQ3_B5_*
—
EQ3 Frequency Coefficients. Refer to WISCE evaluation board control software for
the derivation of these field values.
R3666 (0x0E52)
EQ4_1
15:11 EQ4_B1_GAIN[4:0]
0x0C EQ4 Band 1 Gain 1 (–12 dB to +12 dB in 1-dB steps)
10:6 EQ4_B2_GAIN[4:0]
0x0C EQ4 Band 2 Gain 1 (–12 dB to +12 dB in 1-dB steps)
5:1
EQ4_B3_GAIN[4:0]
0x0C EQ4 Band 3 Gain 1 (–12 dB to +12 dB in 1-dB steps)
0
EQ4_ENA
0
EQ4 Enable
0 = Disabled
1 = Enabled
R3667 (0x0E53)
EQ4_2
15:11 EQ4_B4_GAIN[4:0]
0x0C EQ4 Band 4 Gain 1 (–12 dB to +12 dB in 1-dB steps)
10:6 EQ4_B5_GAIN[4:0]
0x0C EQ4 Band 5 Gain 1 (–12 dB to +12 dB in 1-dB steps
0
EQ4_B1_MODE
0
EQ4 Band 1 Mode
0 = Shelving filter
1 = Peak filter
R3668 (0x0E54) to
R3686 (0x0E66)
15:0 EQ4_B1_*
EQ4_B2_*
EQ4_B3_*
EQ4_B4_*
EQ4_B5_*
—
EQ4 Frequency Coefficients
Refer to WISCE evaluation board control software for the derivation of these field
values.
1.See Table 4-10 for gain range.
Table 4-9. EQ Enable and Gain Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com