Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 63 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 63 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 59Page - Cirrus Logic CS47L63 Datasheet HTML 60Page - Cirrus Logic CS47L63 Datasheet HTML 61Page - Cirrus Logic CS47L63 Datasheet HTML 62Page - Cirrus Logic CS47L63 Datasheet HTML 63Page - Cirrus Logic CS47L63 Datasheet HTML 64Page - Cirrus Logic CS47L63 Datasheet HTML 65Page - Cirrus Logic CS47L63 Datasheet HTML 66Page - Cirrus Logic CS47L63 Datasheet HTML 67Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 300 page
background image
DS1085F3
63
CS47L35
4.3 Digital Core
The S/PDIF output generator should be kept disabled (SPD1_ENA = 0) if SYSCLK is not enabled. The x_SRCn fields for
all digital core functions should be held at 0x00 if SYSCLK is not enabled. SYSCLK must be present and enabled before
selecting other values for these fields. See Section 4.16.4 for further details (including requirements for reconfiguring
SYSCLK while digital core functions are enabled).
The sample rate of the S/PDIF generator is configured using SPD1_RATE; see Table 4-21. The S/PDIF transmitter
supports sample rates in the range 32–192 kHz. Note that sample-rate conversion is required when linking the S/PDIF
generator to any signal chain that is configured for a different sample rate.
The SPD1_RATE field must not be changed if any of the associated x_SRCn fields is nonzero. The associated x_SRCn
fields must be cleared before writing a new value to SPD1_RATE. A minimum delay of 125
s must be allowed between
clearing the x_SRCn fields and writing to SPD1_RATE. See Table 4-21 for details.
The S/PDIF generator is enabled by setting SPD1_ENA, as described in Table 4-16.
The S/PDIF output contains audio data derived from the selected sources. Audio samples up to 24-bit width can be
accommodated. The validity bits and the channel status bits in the S/PDIF data are configured using the corresponding
fields in registers R1474 (0x5C2) to R1477 (0x5C5).
Refer to the S/PDIF specification (IEC 60958-3 Digital Audio Interface - Consumer) for full details of the S/PDIF protocol
and configuration parameters.
The CS47L35 automatically checks to confirm whether the SYSCLK frequency is high enough to support the digital mixer
paths. If an attempt is made to enable the S/PDIF generator, and there are insufficient SYSCLK cycles to support it, the
attempt does not succeed. Note that any active signal paths are unaffected under such circumstances.
The status bits in registers R1600–R2936 indicate the status of each of the digital mixers. If an underclocked error
condition occurs, these bits indicate which mixers have been enabled.
4.3.9
Tone Generator
The CS47L35 incorporates a tone generator that can be used for beep functions through any of the audio signal paths.
The tone generator provides two 1-kHz outputs, with configurable phase relationship, offering flexibility to create
differential signals or test scenarios.
Table 4-16. S/PDIF Output Generator Control
Register Address
Bit
Label
Default
Description
R1474 (0x05C2)
SPD1_TX_Control
13
SPD1_VAL2
0
S/PDIF Validity (Subframe B)
12
SPD1_VAL1
0
S/PDIF Validity (Subframe A)
0
SPD1_ENA
0
S/PDIF Generator Enable
0 = Disabled
1 = Enabled
R1475 (0x05C3)
SPD1_TX_
Channel_Status_1
15:8 SPD1_CATCODE[7:0]
0x00
S/PDIF Category code
7:6 SPD1_CHSTMODE[1:0]
00
S/PDIF Channel Status mode
5:3 SPD1_PREEMPH[2:0]
000
S/PDIF Preemphasis mode
2
SPD1_NOCOPY
0
S/PDIF Copyright status
1
SPD1_NOAUDIO
0
S/PDIF Audio/nonaudio indication
0
SPD1_PRO
0
S/PDIF Consumer Mode/Professional Mode
R1476 (0x05C4)
SPD1_TX_
Channel_Status_2
15:12 SPD1_FREQ[3:0]
0000
S/PDIF Indicated sample frequency
11:8 SPD1_CHNUM2[3:0]
1011
S/PDIF Channel number (Subframe B)
7:4 SPD1_CHNUM1[3:0]
0000
S/PDIF Channel number (Subframe A)
3:0 SPD1_SRCNUM[3:0]
0001
S/PDIF Source number
R1477 (0x05C5)
SPD1_TX_
Channel_Status_3
11:8 SPD1_ORGSAMP[3:0]
0000
S/PDIF Original sample frequency
7:5 SPD1_TXWL[2:0]
000
S/PDIF Audio sample word length
4
SPD1_MAXWL
0
S/PDIF Maximum audio sample word length
3:2 SPD1_SC31_30[1:0]
00
S/PDIF Channel Status [31:30]
1:0 SPD1_CLKACU[1:0]
00
Transmitted Clock accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com