Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 72 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 72 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 68Page - Cirrus Logic CS47L63 Datasheet HTML 69Page - Cirrus Logic CS47L63 Datasheet HTML 70Page - Cirrus Logic CS47L63 Datasheet HTML 71Page - Cirrus Logic CS47L63 Datasheet HTML 72Page - Cirrus Logic CS47L63 Datasheet HTML 73Page - Cirrus Logic CS47L63 Datasheet HTML 74Page - Cirrus Logic CS47L63 Datasheet HTML 75Page - Cirrus Logic CS47L63 Datasheet HTML 76Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 300 page
background image
72
DS1085F3
CS47L35
4.3 Digital Core
The input signal paths may be selected as input to the digital mixers or signal-processing functions. The sample rate for
the input signal paths is configured using the IN_RATE field.
The output signal paths are derived from the respective output mixers. The sample rate for the output signal paths is
configured using OUT_RATE. The sample rate of the AEC loop-back path is also set by OUT_RATE.
The AIFn RX inputs may be selected as input to the digital mixers or signal-processing functions. The AIFn TX outputs are
derived from the respective output mixers. The sample rates for digital audio interfaces (AIF1–AIF3) are configured using
the AIFn_RATE fields (where n identifies the applicable AIF 1, 2, or 3) respectively.
The SLIMbus interface supports up to six input channels and six output channels. The sample rate of each channel can
be configured independently, using SLIMTXn_RATE and SLIMRXn_RATE.
The EQ, DRC, and LHPF functions can be enabled in any signal path within the digital core. The sample rate for these
functions is configured using FX_RATE. Note that the EQ, DRC, and LHPF functions must all be configured for the same
sample rate.
The DSPn functions can be enabled in any signal path within the digital core. The applicable sample rates are configured
using the DSPn_RATE fields (where n identifies the applicable DSP block, 1 to 3) respectively.
The S/PDIF transmitter can be enabled on a GPIO pin. Stereo inputs to this function can be configured from any of the
digital-core inputs, mixers, or signal-processing functions. The sample rate of the S/PDIF transmitter is configured using
SPD1_RATE.
The tone generators and noise generator can be selected as input to any of the digital mixers or signal-processing
functions. The sample rates for these sources are configured using the TONE_RATE and NOISE_GEN_RATE fields,
respectively.
The haptic signal generator can be used to control an external vibe actuator, which can be driven directly by the Class D
speaker output or The sample rate for the haptic signal generator is configured using HAP_RATE.
The PWM signal generators can be modulated by an audio source, derived from the associated signal mixers. The sample
rate (cycle time) for the PWM signal generators is configured using PWM_RATE.
The sample-rate control registers are described in Table 4-21. Refer to the field descriptions for details of the valid
selections in each case. The control registers associated with the ISRCs are described in Table 4-22.
Note that 32-bit register addressing is used from R12888 (0x3000) upwards; 16-bit format is used otherwise. The registers
noted in Table 4-21 contain a mixture of 16-bit and 32-bit register addresses.
Table 4-21. Digital-Core Sample-Rate Control
Register Address
Bit
Label
Default
Description
R32 (0x0020)
Tone_Generator_1
14:11 TONE_RATE[3:0]
0000
Tone Generator Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
R48 (0x0030)
PWM_Drive_1
14:11 PWM_RATE[3:0]
0000
PWM Frequency (sample rate)
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
All PWMnMIX_SRCm fields must be cleared before changing PWM_RATE.
R144 (0x0090)
Haptics_Control_1
14:11 HAP_RATE[3:0]
0000
Haptic Signal Generator Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com