Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 30 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 26Page - Analog Devices ADF4377 Datasheet HTML 27Page - Analog Devices ADF4377 Datasheet HTML 28Page - Analog Devices ADF4377 Datasheet HTML 29Page - Analog Devices ADF4377 Datasheet HTML 30Page - Analog Devices ADF4377 Datasheet HTML 31Page - Analog Devices ADF4377 Datasheet HTML 32Page - Analog Devices ADF4377 Datasheet HTML 33Page - Analog Devices ADF4377 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 79 page
background image
Data Sheet
ADF4377
THEORY OF OPERATION
analog.com
Rev. 0 | 30 of 79
Table 22. ADC Register Setup for SPI Clock and RCLK
Bits
RCLK1
SPI Clock
ADC_A_CONV, EN_AUTOCAL
11
Not applicable
EN_ADC_CNV, EN_ADC,
EN_ADC_CLK
1
PD_ADC
0
1 Required when writing to REG0010 to start the ADC conversion and VCO
calibration.
After the bits in Table 22 are programmed, start an ADC conver-
sion with either, a register write to REG0045 or a register write
to REG0010 (RCLK only). With a REG0010 write, a VCO calibra-
tion (see the VCO Calibration section) begins immediately after
the ADC conversion is complete. An ADC conversion requires
17 clock cycles to complete. In serial port register REG0049,
the ADC_BUSY bit monitors the conversion status. During a con-
version, ADC_BUSY is set to 1 and on conversion completion,
ADC_BUSY is set to 0.
Measurements are recorded in the CHIP_TEMP bit fields, Bits[8:0],
in REG004C and REG004D (see Figure 76).
If an ambient temperature measurement is desired, program the
ADF4377 to a low power state, as shown in Table 23. For ambient
temperature measurements, the SPI clock is the only available
clock option.
Table 23. Ambient Temperature Full Power Down Register Setup
Bit Fields
State
ADC_CLK_SEL
1
PD_ADC
0
PD_CLK, PD_RDET, PD_CALDAC, PD_NDIV,
PD_VCO, PD_LD, PD_PFDCP, PD_CLKOUT1,
PD_CLKOUT2, PD_RDIV
1
Double Buffering
Double buffering refers to a main/subordinate configuration for the
bit fields shown in Table 24. Only the subordinate bit fields control
the actual state of the ADF4377. When double buffering is enabled
for a bit field, the serial interface only writes to the main bit field.
The subordinate bit field retains its previous value until a register
write is sent to REG0010. After writing to REG0010, all main bit
fields are automatically loaded to their respective subordinate bit
field. Writing to REG0010 also starts the autocalibration of the VCO
(see the VCO Calibration section). This allows the user to update
several bit fields that change the output frequency of the ADF4377
and start a new VCO calibration on the same register write. When
double buffering is disabled, the serial interface writes directly to the
subordinate bit field.
It is possible to read back the state of either the main or
subordinate bit fields by enabling or disabling the MAIN_READ-
BACK_CONTROL bit.
Table 24. Double Buffer Enable Bits and Bit Fields
Double Buffer Enable Bits
Double Buffered Bit Fields
Not applicable, always enabled
N_INT bits, Bits[11:0], R_DIV,
EN_RDBLR, CP_I
CLKODIV_DB
CLKOUT_DIV
DCLK_DIV_DB
DCLK_DIV1, DCLK_DIV2
O_VCO_DB
M_VCO_CORE, M_VCO_BAND,
M_VCO_BIAS
DEL_CTRL_DB
INV_CLKOUT, BLEED_I bits, Bits[9:0],
BLEED_POL, N_DEL, R_DEL
Serial Port
The SPI-compatible serial port provides control and monitoring
functionality. The CMOS_OV bit determines if the logic high level
for the SDO and SDIO SPI output pins is 3.3 V or 1.8 V. CMOS_OV
also sets the output level for MUXOUT and LKDET.
The serial port can be programmed to support several different
configurations in REG0000 and REG0001.
The SDO_ACTIVE bit determines if the serial port is configured as
a 3-wire or 4-wire serial interface (see the timing diagrams in Figure
2, Figure 3, and Figure 4).
As shown in Figure 77 and Figure 78, the instruction cycle is
composed of 16 bits. The fifteen LSB bits determine the register
address, and the MSB determines if data is written to or read from
the serial interface during the data transfer cycle. The LSB_FIRST
bit determines the data orientation of the instruction cycle and data
transfer cycle of the serial interface.
Figure 77. Serial Interface, MSB First (LSB_FIRST = 0)
Figure 78. Serial Interface, LSB First (LSB_FIRST = 1)
The SPI register map can be programmed with single instructions,
as shown in Figure 77 and Figure 78, or in streaming mode,
as shown in Figure 79. Streaming mode allows for efficient data
transfer read or write cycles to multiple registers. Streaming mode
allows the user to program a bit stream composed of one register
address in the instruction header and data for that register address,
which is then followed by data in subsequent register addresses.
The ADDRESS_ASCENSION bit determines if the subsequent reg-
ister addresses are incremented or decremented. It is recommend-
ed to decrement the register addresses in streaming mode (AD-
DRESS_ASCENSION = 0). The reason for this recommendation is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com