Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 53 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 49Page - Analog Devices ADF4377 Datasheet HTML 50Page - Analog Devices ADF4377 Datasheet HTML 51Page - Analog Devices ADF4377 Datasheet HTML 52Page - Analog Devices ADF4377 Datasheet HTML 53Page - Analog Devices ADF4377 Datasheet HTML 54Page - Analog Devices ADF4377 Datasheet HTML 55Page - Analog Devices ADF4377 Datasheet HTML 56Page - Analog Devices ADF4377 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 79 page
background image
Data Sheet
ADF4377
REGISTER MAP
analog.com
Rev. 0 | 53 of 79
Figure 115.
Table 52. Bit Descriptions for REG000C
Bits
Bit Name
Description
Reset
Access
[7:0]
VENDOR_ID[7:0]
Vendor ID = 0x0456.
0x56
R
Address: 0x0D, Reset: 0x04, Name: REG000D
Figure 116.
Table 53. Bit Descriptions for REG000D
Bits
Bit Name
Description
Reset
Access
[7:0]
VENDOR_ID[15:8]
Vendor ID = 0x0456.
0x4
R
Address: 0x0F, Reset: 0x00, Name: REG000F
Figure 117.
Table 54. Bit Descriptions for REG000F
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
R00F_RSV1
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
Address: 0x10, Reset: 0x80, Name: REG0010
Figure 118.
Table 55. Bit Descriptions for REG0010
Bits
Bit Name
Description
Reset
Access
[7:0]
N_INT[7:0]
Feedback Divider, 12-Bit Integer Divider in REG0010 and REG0011. Set to any divide value from 2 to 4095,
inclusive. Double buffering always enabled.
0x80
R/W
Address: 0x11, Reset: 0x00, Name: REG0011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com