Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 45 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 41Page - Analog Devices ADF4377 Datasheet HTML 42Page - Analog Devices ADF4377 Datasheet HTML 43Page - Analog Devices ADF4377 Datasheet HTML 44Page - Analog Devices ADF4377 Datasheet HTML 45Page - Analog Devices ADF4377 Datasheet HTML 46Page - Analog Devices ADF4377 Datasheet HTML 47Page - Analog Devices ADF4377 Datasheet HTML 48Page - Analog Devices ADF4377 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 79 page
background image
Data Sheet
ADF4377
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 45 of 79
Assuming the inherent aperture jitter of the ADC (tJ(ADC)) is known,
the jitter of the clock generator (tJ(CLK)) is obtained using Equation
28.
ADC Sample Clock Input Drive Requirements
Modern high speed, high resolution ADCs have a high dynamic
range and are sensitive to any unwanted noise or spurious source.
Noise or interfering signals on the analog signal input, the voltage
reference, or the sampling clock input can easily appear in the
digitized data. To deliver the full performance of any ADC, the
sampling clock input must be driven with a clean, low jitter signal.
Figure 96 shows a simplified version of a typical ADC sample clock
input. In Figure 96, the input pins may be labeled ENC± for encode
or CLK± for clock in different ADCs. The input is composed of a
differential limiting amplifier stage followed by a buffer that directly
controls the track and hold stage of the ADC.
Figure 96. Simplified Sample Clock Input Circuit
The sample clock input amplifier also benefits from a fast slewing
input signal because the amplifier has noise of its own. By slewing
through the crossover region quickly, the amplifier noise creates
less jitter than if the transition were slow. As shown in Figure 96,
the sample clock input of the ADC is typically differential, with a dif-
ferential sampling clock delivering the best performance. Figure 96
also shows the sample clock input with a different common-mode
input voltage than the outputs of the ADF4377. Most ADC applica-
tions require ac coupling to convert between the two common-mode
voltages.
Transmission Lines and Termination
Interconnection of high speed signaling with fast rise and fall times
requires the use of transmission lines with properly matched termi-
nation. The transmission lines may be stripline, microstrip or any
other design topology. A detailed discussion of transmission line
design is beyond the scope of this data sheet. Any mismatch be-
tween the characteristic impedance of the transmission line and the
terminating impedance results in a portion of the signal reflecting
back toward the other end of the transmission line. In the extreme
case of an open or short-circuit termination, all of the signal is
reflected back. This signal reflection leads to overshoot and ringing
on the waveform. Figure 97 shows the preferred method of far-end
termination of the transmission line.
Figure 97. Far-End Transmission Line Termination (ZO = 50 Ω)
ADF4377 Output Networks
The differential outputs of the ADF4377 are designed to interface
with most differential signal devices while driving transmission lines
with far-end termination. Figure 98, Figure 99, and Figure 100
shows ac-coupled output configurations. Note that some receiver
devices have the 100 Ω termination resistor internal to the device,
in which case the external 100 Ω resistor is unnecessary. The
ADF4377 also interfaces with single-ended 50 Ω end terminations.
In this case, the unused output requires an ac-coupled 50 Ω termi-
nation. For the single-ended example in Figure 100, the CLKxP and
CLKxN pins may be swapped.
Figure 98. Common Clock Interface: Differential Clock with On Board End
Termination (ZO = 50 Ω)
Figure 99. Common Clock Interface: Differential Clock with On-Chip End
Termination (ZO = 50 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com