Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 29 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 25Page - Analog Devices ADF4377 Datasheet HTML 26Page - Analog Devices ADF4377 Datasheet HTML 27Page - Analog Devices ADF4377 Datasheet HTML 28Page - Analog Devices ADF4377 Datasheet HTML 29Page - Analog Devices ADF4377 Datasheet HTML 30Page - Analog Devices ADF4377 Datasheet HTML 31Page - Analog Devices ADF4377 Datasheet HTML 32Page - Analog Devices ADF4377 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 79 page
background image
Data Sheet
ADF4377
THEORY OF OPERATION
analog.com
Rev. 0 | 29 of 79
INV_CLKOUT, N_DEL, and R_DEL can be used in conjunction to
align the multichip output to output skew to within ±0.5 ps. Figure
39 shows that the largest N_DEL settings may increase LNORM by
1 dB. INV_CLKOUT does not degrade performance and can be
used to adjust for multichip output to output skews greater than a
quarter of the 1/fOUT period, in lieu of a large N_DEL or R_DEL
value. As a result, the maximum tNDEL adjustment never has to
be more than a quarter of the 1/fOUT period. See the Aligning Multi-
ple ADF4377 Output Phases section for the relationship between
R_DEL, N_DEL, INV_CLKOUT, BLEED_I bit fields, Bits[9:0], and
BLEED_POL.
Clock Output Buffer
The low noise, differential output buffer in Figure 74 produces
a differential output voltage. The output amplitude level and com-
mon mode voltage is settable with the CLKOUT1_OP bits and
CLKOUT2_OP bits, according to Table 21. Each output can be
either ac-coupled or dc-coupled and terminated with 100 Ω, differ-
entially. If a single-ended output is desired, each side of the output
must be individually ac-coupled and terminated with 50 Ω (see
Figure 98).
Table 21. CLKOUT1_OP, CLKOUT2_OP Programming
CLKOUT1_OP,
CLKOUT2_OP
Differential
Amplitude (VOD)
Common-Mode Voltage
0
320 mVPEAK
VCLK − 1.2 × VOD
1
420 mVPEAK
VCLK − 1.2 × VOD
2
530 mVPEAK
VCLK − 1.2 × VOD
3
640 mVPEAK
VCLK − 1.2 × VOD
The outputs can be powered down individually by either setting
the ENCLK1 pin and ENCLK2 pin low or programming the
PD_CLKOUT1 and PD_CLKOUT2 bits to 1. The EN_CLK1 bit and
EN_CLK2 bit report the state of the ENCLK1 pin and ENCLK2 pin.
When powered down, the outputs source a common-mode voltage
around 2 V.
Figure 74. Simplified Clock Outputs
MUXOUT
Figure 75. MUXOUT
The state of the MUXOUT pin is determined by the serial port inter-
face (SPI) register bit field MUXOUT, which allows the user access
to various internal nodes. The MUXOUT pin and MUXOUT bits are
commonly used as an additional lock status output or to debug
PLL related issues during the hardware and software development
phase of a project. The CMOS_OV bit field determines if the logic
high level for the MUXOUT pin, LKDET pin, SDO pin, and SDIO pin
is 3.3 V or 1.8 V.
Temperature Sensor
Figure 76. Temperature Sensor
The temperature sensor is composed of an 8-bit ADC, which
measures the proportional to absolute temperature (PTAT) voltage
with respect to the reference (VREF) voltage of a bandgap. The
purpose of the temperature sensor is to measure changes in die
temperature, not the absolute junction temperature.
The maximum ADC clock frequency is 400 kHz. Equation 16
calculates the correct ADC_CLK_DIV value. The ADC clock may be
generated from either the SPI clock or the RCLK (see Figure 70).
Before an ADC measurement can occur, program the registers of
the ADF4377 as shown in Table 22.
Table 22. ADC Register Setup for SPI Clock and RCLK
Bits
RCLK1
SPI Clock
ADC_CLK_SEL
0
1
EN_DRCLK, EN_DNCLK
1
Not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com