Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 48 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 44Page - Analog Devices ADF4377 Datasheet HTML 45Page - Analog Devices ADF4377 Datasheet HTML 46Page - Analog Devices ADF4377 Datasheet HTML 47Page - Analog Devices ADF4377 Datasheet HTML 48Page - Analog Devices ADF4377 Datasheet HTML 49Page - Analog Devices ADF4377 Datasheet HTML 50Page - Analog Devices ADF4377 Datasheet HTML 51Page - Analog Devices ADF4377 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 79 page
background image
Data Sheet
ADF4377
REGISTER MAP
analog.com
Rev. 0 | 48 of 79
Table 42. ADF4377 Register Map
Reg
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x00
SOFT_RESET_
R
LSB_FIRST_R
ADDRESS_AS
CENSION_R
SDO_ACTIVE
_R
SDO_ACTIVE
ADDRESS_AS
CENSION
LSB_FIRST
SOFT_RESET 0x00
R/W
0x01
SINGLE_INSTR
UCTION
0
MAIN_READB
ACK_CONTR
OL
0
0
0
0
0
0x00
R/W
0x02
RESERVED
R002_RSV1
0x00
R
0x03
RESERVED
CHIP_TYPE
0x00
R
0x04
PRODUCT_ID[7:0]
0x00
R
0x05
PRODUCT_ID[15:8]
0x00
R
0x06
R006_RSV2
R006_RSV1
0x00
R
0x0A
SCRATCHPAD
0x00
R/W
0x0B
SPI_REVISION
0x00
R
0x0C
VENDOR_ID[7:0]
0x56
R
0x0D
VENDOR_ID[15:8]
0x04
R
0x0F
0
0
0
0
0
0
0
0
0x00
R/W
0x10
N_INT[7:0]
0x80
R/W
0x11
EN_AUTOCAL
EN_RDBLR
DCLK_DIV2
N_INT[11:8]
0x00
R/W
0x12
CLKOUT_DIV
R_DIV
0x01
R/W
0x13
0
0
M_VCO_CORE
M_VCO_BIAS
0x00
R/W
0x14
M_VCO_BAND
0x00
R/W
0x15
BLEED_I[1:0]
BLEED_POL
EN_BLEED
CP_I
0x00
R/W
0x16
BLEED_I[9:2]
0x00
R/W
0x17
INV_CLKOUT
N_DEL
0x00
R/W
0x18
CMOS_OV
R_DEL
0x00
R/W
0x19
CLKOUT2_OP
CLKOUT1_OP
PD_CLK
PD_RDET
PD_ADC
PD_CALDAC
0x04
R/W
0x1A
PD_ALL
PD_RDIV
PD_NDIV
PD_VCO
PD_LD
PD_PFDCP
PD_CLKOUT1 PD_CLKOUT2 0x83
R/W
0x1B
EN_LOL
LDWIN_PW
EN_LDWIN
LD_COUNT
0x00
R/W
0x1C
EN_DNCLK
EN_DRCLK
0
0
0
RST_LD
0
1
0x00
R/W
0x1D
MUXOUT
0
EN_CPTEST
CP_DOWN
CP_UP
0x00
R/W
0x1E
0
0
0
0
0
0
0
0
0x00
R/W
0x1F
BST_REF
FILT_REF
REF_SEL
0
0
1
1
1
0x00
R/W
0x20
0
0
0
RST_SYS
EN_ADC_CLK 0
0
1
0x00
R/W
0x21
1
1
0
1
0
0
1
1
0x00
R/W
0x22
0
0
1
1
0
0
1
0
0x00
R/W
0x23
CAL_CT_SEL
0
0
1
1
0
0
0
0x00
R/W
0x24
0
0
0
0
0
DCLK_MODE
0
0
0x00
R/W
0x25
CLKODIV_DB
DCLK_DIV_DB
0
1
0
1
1
0
0x00
R/W
0x26
VCO_BAND_DIV
0x00
R/W
0x27
SYNTH_LOCK_TIMEOUT[7:0]
0x00
R/W
0x28
O_VCO_DB
SYNTH_LOCK_TIMEOUT[14:8]
0x00
R/W
0x29
VCO_ALC_TIMEOUT[7:0]
0x00
R/W
0x2A
DEL_CTRL_DB
VCO_ALC_TIMEOUT[14:8]
0x00
R/W
0x2B
0
0
0
0
0
0
0
0
0x00
R/W
0x2C
1
1
0
0
0
0
0
0
0x00
R/W
0x2D
ADC_CLK_DIV
0x00
R/W
0x2E
EN_ADC_CNV
0
0
0
0
0
EN_ADC
ADC_A_CONV 0x00
R/W
0x2F
0
0
0
0
0
0
DCLK_DIV1
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com