Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 46 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 42Page - Analog Devices ADF4377 Datasheet HTML 43Page - Analog Devices ADF4377 Datasheet HTML 44Page - Analog Devices ADF4377 Datasheet HTML 45Page - Analog Devices ADF4377 Datasheet HTML 46Page - Analog Devices ADF4377 Datasheet HTML 47Page - Analog Devices ADF4377 Datasheet HTML 48Page - Analog Devices ADF4377 Datasheet HTML 49Page - Analog Devices ADF4377 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 79 page
background image
Data Sheet
ADF4377
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 46 of 79
Figure 100. Common Clock Interface: Single Ended Clock with End
Termination (ZO = 50 Ω)
MEASURING DIFFERENTIAL SPURS WITH A
SINGLE-ENDED TEST INSTRUMENT
Using a spectrum analyzer to measure spurious signals on the
single-ended output of a clock generation chip gives pessimistic
results, particularly for outputs that approximate square waves.
There are two reasons for this.
First, because the spurious energy is often an ac signal superim-
posed on the power supply, a differential output rejects the spurs to
within the matching of the positive and negative outputs. Observing
only one side of the differential output provides no rejection.
Second, and most importantly, the spectrum analyzer displays all
of the energy at its input, including amplitude modulation that
occurs at the top and bottom pedestal voltage of the square wave.
However, only amplitude modulation near a zero crossing affects
the clock.
The best way to remove this measurement error is to drive the
clock generator output differentially into a limiting buffer on a sep-
arate clean power supply. One of the differential outputs of the
limiting buffer can then connect to a spectrum analyzer to correctly
measure the spurious energy. An example of this technique using
the ADF4377 as the clock generator and an HMC940 as the limiter
is shown in Figure 101.
Figure 101. Example of Spurious Measurement Techniques
APPLICATION CIRCUITS
Parallel ADF4377 Devices, 13 fs RMS Jitter
Figure 102. Block Diagram of Parallel ADF4377 Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com