Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 35 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 31Page - Analog Devices ADF4377 Datasheet HTML 32Page - Analog Devices ADF4377 Datasheet HTML 33Page - Analog Devices ADF4377 Datasheet HTML 34Page - Analog Devices ADF4377 Datasheet HTML 35Page - Analog Devices ADF4377 Datasheet HTML 36Page - Analog Devices ADF4377 Datasheet HTML 37Page - Analog Devices ADF4377 Datasheet HTML 38Page - Analog Devices ADF4377 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 79 page
background image
Data Sheet
ADF4377
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 35 of 79
DESIGN AND PROGRAMMING EXAMPLE 1:
SINGLE ADF4377
A single ADF4377 clocks a single ADC. The purpose of this exam-
ple is to provide a method to determine the correct inputs required
to design a loop filter in ADIsimPLL, provide a method to manually
generate all ADF4377 register settings, and provide the method to
perform a VCO autocalibration on initial power-up and bypass or
override the VCO autocalibration on all future device power-ups.
In practice, the ADF4377 evaluation board graphical user interface
(GUI) register automates the register generation process and can
replace and/or verify the manual register generation method.
For this design example, assume the following design goals:
►
Reference input, 125 MHz, single-ended 7 dBm sine wave, 50 Ω
environment
►
Output of 12 GHz
►
SPI requirements of 1.8 V, 4 wire SPI, optimize SPI write se-
quence
►
Prioritize designing for the lowest jitter performance over other
design criteria
Design Procedure
The following design procedure aids in schematic design and SPI
register generation:
1. Select the settings for reference and loop filter design (see the
Reference and Loop Filter Design section)
2. Select the output, frequency, and amplitude (see the Output
Selection, Frequency and Amplitude section)
3. Select the settings for the reference to output propagation
delay (see the Reference to Output Propagation Delay Settings
section)
4. Select the lock detector settings (see the Lock Detector Set-
tings section)
5. Select the VCO automatic calibration settings (see the VCO
Automatic Calibration Settings section)
6. Select the double buffer and manual VCO calibration settings
(see the Double Buffer and Manual VCO Calibration Settings
section)
7. Select the SPI protocol settings (see the SPI Protocol Settings
section)
8. Select the remaining register settings (see the Remaining Reg-
ister Settings section)
Reference and Loop Filter Design
To design a loop filter in ADIsimPLL, the user must determine the
desired reference input settings, charge pump settings, and PFD
frequency. The design goals provided in the Design and Program-
ming Example 1: Single ADF4377 section state to prioritize the
lowest jitter performance over other design criteria. To design the
lowest jitter loop filter, determine the register settings that minimize
the output phase noise characteristics as described in the Output
Phase Noise Characteristics section.
The In-Band Output Phase Noise section states the maximum fPFD
minimizes LOUT. The maximum fPFD is obtained with the reference
doubler enabled and the reference divider bypassed (see the Refer-
ence Divider (R) and Doubler (D) section). To enable the reference
doubler, set EN_RDBLR = 1. The reference divider is bypassed and
can remain at its power on reset state (R_DIV = 1). Solve Equation
7 for the maximum fPFD.
fPFD=D×fREF=2×125 MHz=250 MHz
The Charge Pump section states that larger ICP results in lower
LNORM, as shown in Figure 40. Set CP_I = 15 to minimize LNORM.
Selecting the optimal reference input buffer amplifier (see the Ref-
erence Input Buffer section) based on the reference input slew
rate also minimizes LNORM (see Figure 37). Solve Equation 23 and
Equation 8 for the reference input slew rate.
VPK= 2× 10 PdBm/10×50 Ω/1000 mW (23)
VPK= 2× 10 7 dBm/10×50 Ω/1000 mW =0.707
 VPKSlew Rate =2×π×fREF×VPK=2×π×125
 MHz×0.707=556 V/υs
Based on Table 7 and Figure 37, a reference input slew rate of 556
V/μs minimizes LNORM when the LNA reference amplifier is selected
by setting REF_SEL = 1. When the LNA reference amplifier is
selected, Table 8 requires FILT_REF = 0 when fREF = 125 MHz, and
Table 9 requires BST_REF = 1 when VREF = 2 × 0.707 VPK = 1.414
V p-p.
The reference peak detector (see the Reference Peak Detector
section) consumes minimal power, ~10 mW, and does not degrade
performance. As a result, PD_RDET can be set to 0 or 1 to meet
the design goals. The reference and loop filter design was created
with PD_RDET = 0 to allow for the option to monitor the reference
signal with the REF_OK bit.
Table 25. SPI Summary, Reference and Loop Filter Design
Bit Field
Value
EN_RDBLR
0x1
R_DIV
0x1
CP_I
0xF
REF_SEL
0x1
FILT_REF
0x0
BST_REF
0x1
PD_RDET
0x0
For the recommended reference input network, refer to Figure 80,
single-ended 50 Ω source (VREFIN < 2.6 V p-p).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com