Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 59 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 55Page - Analog Devices ADF4377 Datasheet HTML 56Page - Analog Devices ADF4377 Datasheet HTML 57Page - Analog Devices ADF4377 Datasheet HTML 58Page - Analog Devices ADF4377 Datasheet HTML 59Page - Analog Devices ADF4377 Datasheet HTML 60Page - Analog Devices ADF4377 Datasheet HTML 61Page - Analog Devices ADF4377 Datasheet HTML 62Page - Analog Devices ADF4377 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 79 page
background image
Data Sheet
ADF4377
REGISTER MAP
analog.com
Rev. 0 | 59 of 79
Address: 0x1B, Reset: 0x00, Name: REG001B
Figure 129.
Table 66. Bit Descriptions for REG001B
Bits
Bit Name
Description
Reset
Access
7
EN_LOL
Enable Loss-of-Lock Detector.
0x0
R/W
0: disabled.
1: enabled. Normal operation.
6
LDWIN_PW
Lock Detector Pulse Window.
0x0
R/W
0: narrow window. Normal operation.
1: wide window. Refer to the Lock Detector section.
5
EN_LDWIN
Enable the Lock Detector Pulse Window.
0x0
R/W
0: disabled.
1: enabled. Normal operation.
[4:0]
LD_COUNT
Number of Valid PFD Cycles Before the Lock Detector Indicates PLL is Locked. Refer to the Lock Detector
section.
0x0
R/W
Address: 0x1C, Reset: 0x00, Name: REG001C
Figure 130.
Table 67. Bit Descriptions for REG001C
Bits
Bit Name
Description
Reset
Access
7
EN_DNCLK
Enable VCO Calibration Divider. See Figure 70.
0x0
R/W
0: disabled. Disable when not in use to reduce spurious content.
1: enabled. Enable before a VCO calibration begins.
6
EN_DRCLK
Enable Divider to the VCO Calibration Block and ADC Clock Divider. See Figure 70.
0x0
R/W
0: disabled. Disable when not in use to reduce spurious content.
1: enabled. Enable before a VCO calibration or temperature sensor measurement begins.
5
R01C_RSV4
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
4
R01C_RSV3
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
3
R01C_RSV2
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
2
RST_LD
Reset Lock Detector to the Unlocked State. This bit is not self-clearing.
0x0
R/W
0: reset inactive. Normal operation.
1: reset active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com