Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 56 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 52Page - Analog Devices ADF4377 Datasheet HTML 53Page - Analog Devices ADF4377 Datasheet HTML 54Page - Analog Devices ADF4377 Datasheet HTML 55Page - Analog Devices ADF4377 Datasheet HTML 56Page - Analog Devices ADF4377 Datasheet HTML 57Page - Analog Devices ADF4377 Datasheet HTML 58Page - Analog Devices ADF4377 Datasheet HTML 59Page - Analog Devices ADF4377 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 79 page
background image
Data Sheet
ADF4377
REGISTER MAP
analog.com
Rev. 0 | 56 of 79
Table 60. Bit Descriptions for REG0015
Bits
Bit Name
Description
Reset
Access
[7:6]
BLEED_I[1:0]
Charge Pump Bleed Current, 10 Bits in REG0015 and REG0016. Refer to the Charge Pump Bleed Current
section. Double buffering option.
0x0
R/W
5
BLEED_POL
Charge Pump Bleed Current Polarity.
0x0
R/W
0: sink current. Increases reference input to clock output propagation delay.
1: source current. Decreases reference input to clock output propagation delay.
4
EN_BLEED
Enable Charge Pump Bleed Current.
0x0
R/W
0: disabled.
1: enabled.
[3:0]
CP_I
Charge Pump Current.
0x0
R/W
0000: 0.79 mA.
0001: 0.99 mA.
0010: 1.19 mA.
0011: 1.38 mA.
0100: 1.59 mA.
0101: 1.98 mA.
0110: 2.39 mA.
0111: 2.79 mA.
1000: 3.18 mA.
1001: 3.97 mA.
1010: 4.77 mA.
1011: 5.57 mA.
1100: 6.33 mA.
1101: 7.91 mA.
1110: 9.51 mA.
1111: 11.1 mA.
Address: 0x16, Reset: 0x00, Name: REG0016
Figure 124.
Table 61. Bit Descriptions for REG0016
Bits
Bit Name
Description
Reset
Access
[7:0]
BLEED_I[9:2]
Charge Pump Bleed Current, 10 Bits in REG0015 and REG0016. Refer to the Charge Pump Bleed Current
section. Double buffering option.
0x0
R/W
Address: 0x17, Reset: 0x00, Name: REG0017
Figure 125.
Table 62. Bit Descriptions for REG0017
Bits
Bit Name
Description
Reset
Access
7
INV_CLKOUT
Clock Output Invert. Double buffering option.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com