Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 44 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 40Page - Analog Devices ADF4377 Datasheet HTML 41Page - Analog Devices ADF4377 Datasheet HTML 42Page - Analog Devices ADF4377 Datasheet HTML 43Page - Analog Devices ADF4377 Datasheet HTML 44Page - Analog Devices ADF4377 Datasheet HTML 45Page - Analog Devices ADF4377 Datasheet HTML 46Page - Analog Devices ADF4377 Datasheet HTML 47Page - Analog Devices ADF4377 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 79 page
background image
Data Sheet
ADF4377
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 44 of 79
Degradation of the SNR due to sample clock jitter only occurs if
the analog input signal is slewing. If the analog input signal is
stationary (dc), it does not matter when in time the sampling occurs.
Additionally, a faster slewing input signal yields a greater error
(more noise) than a slower slewing input signal.
Figure 94 demonstrates this effect. Note how much larger the error
term is with the fast slewing signal than with the slow slewing
signal. To maintain the SNR performance of the data converter,
digitization of high input frequency signals requires a clock with
much less jitter than applications with lower frequency input signals.
Figure 94. Fast and Slow Sine Wave Signals Sampled with a Jittery Clock
It is important to note that the frequency of the analog input signal
determines the jitter requirement of the sample clock. The actual
sample clock frequency does not matter. Many ADC applications
that under sample high frequency signals have especially challeng-
ing sample clock jitter requirements.
This information is useful for gaining an intuitive feel for the SNR
degradation due to sampling clock jitter. Quantitatively, the actual
sample clock jitter requirement for a given application is calculated
as follows:
tJTOTAL =10−SNRdB20
2×π×fSIG
(27)
where:
tJ(TOTAL) is the total RMS jitter in seconds
SNRdB is the SNR requirement in decibels
fSIG is the highest frequency signal to be digitized, expressed in Hz
The total jitter is the rms sum of the aperture jitter of the ADC and
the sample clock jitter, calculated as follows:
tJTOTAL = tJCLK2+tJADC2
(28)
Alternatively, for a given total jitter, the attainable SNR is calculated
as follows:
SNRdB=−20×log
2×π×fSIG×tJTOTAL (29)
These calculations assume a full-scale sine wave input signal. If
the input signal is a complex, modulated signal with a moderate
crest factor, the peak slew rate of the signal may be lower and the
sample clock jitter requirement may be relaxed.
These calculations are also theoretical. They assume a noiseless
ADC with infinite resolution. All realistic ADCs have both added
noise and a resolution limit. The limitations of the ADC must be
accounted for to prevent overspecifying the sampling clock.
Figure 95 plots the previous equations and provides a way to
estimate the sampling clock jitter requirement for a given input
signal or the expected SNR performance for a given sample clock
jitter.
Figure 95. SNR vs. Analog Input Frequency with Various Levels of Clock
Jitter
Measuring Clock Jitter Indirectly Using ADC
SNR
For some applications, integrating the phase noise of a clock
generator within a defined offset frequency range (for example, 12
kHz to 20 MHz) is sufficient to calculate the impact of the clock on
the overall system performance. In these situations, the rms jitter
can be calculated from a phase noise measurement.
However, other applications require knowledge of the phase noise
of the clock at frequency offsets that exceed the capabilities of
phase noise analyzers. This limitation makes it difficult to calculate
jitter from a phase noise measurement.
The rms jitter of an ADC clock source can be indirectly measured
by comparing a jitter dominated SNR measurement to a non-jitter
dominated SNR measurement. A jitter dominated SNR measure-
ment (SNRJITTER) is created by applying a low jitter, high frequency
full-scale sine wave to the ADC analog input. A non-jitter dominated
SNR measurement (SNRBASE) is created by applying a very low
amplitude (or low frequency) sine wave to the ADC analog input.
The total clock jitter (tJ(TOTAL)) can be calculated using Equation 30.
tJTOTAL
=1012×log1010−SNRJITTER10−10−SNRBASE10
2×π×fSIG
(30)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com