Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 60 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 56Page - Analog Devices ADF4377 Datasheet HTML 57Page - Analog Devices ADF4377 Datasheet HTML 58Page - Analog Devices ADF4377 Datasheet HTML 59Page - Analog Devices ADF4377 Datasheet HTML 60Page - Analog Devices ADF4377 Datasheet HTML 61Page - Analog Devices ADF4377 Datasheet HTML 62Page - Analog Devices ADF4377 Datasheet HTML 63Page - Analog Devices ADF4377 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 79 page
background image
Data Sheet
ADF4377
REGISTER MAP
analog.com
Rev. 0 | 60 of 79
Table 67. Bit Descriptions for REG001C
Bits
Bit Name
Description
Reset
Access
[1:0]
R01C_RSV1
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
Address: 0x1D, Reset: 0x00, Name: REG001D
Figure 131.
Table 68. Bit Descriptions for REG001D
Bits
Bit Name
Description
Reset
Access
[7:4]
MUXOUT
Select Test Signal Presented on MUXOUT Pin.
0x0
R/W
0000: high-Z.
0001: LKDET. Lock detector output.
0010: low.
0011: low.
0100: fDIV_RCLK/2.
0101: fDIV_NCLK/2.
0110: reserved.
0111: low.
1000: high.
1001: reserved.
1010: reserved.
1011: low.
1100: low.
1101: low.
1110: reserved.
1111: reserved.
3
R01D_RSV1
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
2
EN_CPTEST
Enable Charge Pump Test Mode.
0x0
R/W
0: disabled. Normal operation.
1: enabled.
1
CP_DOWN
Enables Charge Pump Sink Current when EN_CPTEST is Enabled.
0x0
R/W
0: disabled.
1: enabled.
0
CP_UP
Enables Charge Pump Source Current when EN_CPTEST is Enabled.
0x0
R/W
0: disabled.
1: enabled.
Address: 0x1E, Reset: 0x00, Name: REG001E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com