Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 24 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 20Page - Analog Devices ADF4377 Datasheet HTML 21Page - Analog Devices ADF4377 Datasheet HTML 22Page - Analog Devices ADF4377 Datasheet HTML 23Page - Analog Devices ADF4377 Datasheet HTML 24Page - Analog Devices ADF4377 Datasheet HTML 25Page - Analog Devices ADF4377 Datasheet HTML 26Page - Analog Devices ADF4377 Datasheet HTML 27Page - Analog Devices ADF4377 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 79 page
background image
Data Sheet
ADF4377
THEORY OF OPERATION
analog.com
Rev. 0 | 24 of 79
Figure 64. Simplified PFD Schematic
Charge Pump
The charge pump, controlled by the PFD, forces sink (down) or
source (up) current pulses onto the CP pin, which must be connect-
ed to an appropriate loop filter. See Figure 65 for a simplified
schematic of the charge pump.
Figure 65. Simplified Charge Pump Schematic
The output current magnitude (ICP) may be set from 0.79 mA to
11.1 mA using the CP_I bits. A larger ICP can result in lower
in-band noise (LNORM) due to the lower impedance of the loop filter
components. A smaller ICP can result in better spurious perform-
ance. See Table 12 for programming specifics and the Applications
Information section for information on designing a loop filter.
Table 12. CP Programming
CP_I
ICP
0
0.79 mA
1
0.99 mA
2
1.19 mA
3
1.38 mA
4
1.59 mA
5
1.98 mA
6
2.39 mA
7
2.79 mA
8
3.18 mA
9
3.97 mA
10
4.77 mA
11
5.57 mA
12
6.33 mA
13
7.91 mA
Table 12. CP Programming
CP_I
ICP
14
9.51 mA
15
11.1 mA
Charge Pump Test Mode
When the EN_CPTEST bit is set to 1, the CP_UP bit and
CP_DOWN bit can be programmed to force a constant ICP source
or sink current, respectively, on the CP pin. These bits are com-
monly used as an aid to debug PLL related issues during the
hardware and software development phase of a project. For normal
operation, set EN_CPTEST, CP_UP, and CP_DOWN to 0. Refer to
Figure 65 and Table 13.
Table 13. Charge Pump Debug Functions
EN_CPTEST
CP_UP
CP_DOWN
CP Pin State Debug Test
1
0
0
High-Z
VCO open loop
1
1
0
~VV5_CP
Charge pump
output voltage
verification
1
0
1
~GND
0
0
0
Normal oper-
ation
Not applicable
Charge Pump Bleed Current
A small programmable constant charge pump current, known as
bleed current, can be used to either increase or decrease the
propagation delay from the reference input pins to the clock output
pins.
To enable the bleed current, set the EN_BLEED bit to 1. When
the BLEED_POL bit is set to 1, a small constant source current
is forced onto the CP pin. When the BLEED_POL bit is set to 0,
a small constant sink current is forced onto the CP pin. Refer to
Figure 65.
The bleed current LSB step size is 536 nA. The bleed current delay
step size (tIDEL-STEP) is a function of the bleed current step size
(ICP) and fPFD, as shown in Equation 9. Figure 66 provides a quick
reference of tIDEL-STEP vs. several common ICP and fPFD values.
tIDEL−STEP= 536 nA
ICP×fPFD
(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com