Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 75 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 71Page - Analog Devices ADF4377 Datasheet HTML 72Page - Analog Devices ADF4377 Datasheet HTML 73Page - Analog Devices ADF4377 Datasheet HTML 74Page - Analog Devices ADF4377 Datasheet HTML 75Page - Analog Devices ADF4377 Datasheet HTML 76Page - Analog Devices ADF4377 Datasheet HTML 77Page - Analog Devices ADF4377 Datasheet HTML 78Page - Analog Devices ADF4377 Datasheet HTML 79Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 75 / 79 page
background image
Data Sheet
ADF4377
REGISTER MAP
analog.com
Rev. 0 | 75 of 79
Figure 172.
Table 109. Bit Descriptions for REG0046
Bits
Bit Name
Description
Reset
Access
[7:0]
R046_RSV1[7:0]
Reserved.
0x0
R
Address: 0x47, Reset: 0x00, Name: REG0047
Figure 173.
Table 110. Bit Descriptions for REG0047
Bits
Bit Name
Description
Reset
Access
[7:0]
R046_RSV1[15:8]
Reserved.
0x0
R
Address: 0x48, Reset: 0x00, Name: REG0048
Figure 174.
Table 111. Bit Descriptions for REG0048
Bits
Bit Name
Description
Reset
Access
[7:0]
R046_RSV1[23:16]
Reserved.
0x0
R
Address: 0x49, Reset: 0x00, Name: REG0049
Figure 175.
Table 112. Bit Descriptions for REG0049
Bits
Bit Name
Description
Reset
Access
7
EN_CLK2
Logic State on ENCLK2 Input Pin. See Figure 74.
0x0
R
6
EN_CLK1
Logic State on ENCLK1 Input Pin. See Figure 74.
0x0
R
5
R049_RSV2
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com