Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 62 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 58Page - Analog Devices ADF4377 Datasheet HTML 59Page - Analog Devices ADF4377 Datasheet HTML 60Page - Analog Devices ADF4377 Datasheet HTML 61Page - Analog Devices ADF4377 Datasheet HTML 62Page - Analog Devices ADF4377 Datasheet HTML 63Page - Analog Devices ADF4377 Datasheet HTML 64Page - Analog Devices ADF4377 Datasheet HTML 65Page - Analog Devices ADF4377 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 79 page
background image
Data Sheet
ADF4377
REGISTER MAP
analog.com
Rev. 0 | 62 of 79
Figure 134.
Table 71. Bit Descriptions for REG0020
Bits
Bit Name
Description
Reset
Access
[7:6]
R020_RSV5
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
5
R020_RSV4
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
4
RST_SYS
Reset Digital Functions to POR State. Does not reset the SPI interface and SPI registers. This bit is not
self-clearing.
0x0
R/W
0: reset inactive. Normal operation.
1: reset active.
3
EN_ADC_CLK
Enable the ADC Clock. See Figure 70.
0x0
R/W
0: disabled.
1: enabled. Normal operation.
2
R020_RSV3
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
1
R020_RSV2
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
0
R020_RSV1
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
Address: 0x21, Reset: 0x00, Name: REG0021
Figure 135.
Table 72. Bit Descriptions for REG0021
Bits
Bit Name
Description
Reset
Access
[7:4]
R021_RSV7
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
[3:0]
R021_RSV3
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
Address: 0x22, Reset: 0x00, Name: REG0022
Figure 136.
Table 73. Bit Descriptions for REG0022
Bits
Bit Name
Description
Reset
Access
[7:0]
R022_RSV0[7:0]
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
Address: 0x23, Reset: 0x00, Name: REG0023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com