Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 26 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 22Page - Analog Devices ADF4377 Datasheet HTML 23Page - Analog Devices ADF4377 Datasheet HTML 24Page - Analog Devices ADF4377 Datasheet HTML 25Page - Analog Devices ADF4377 Datasheet HTML 26Page - Analog Devices ADF4377 Datasheet HTML 27Page - Analog Devices ADF4377 Datasheet HTML 28Page - Analog Devices ADF4377 Datasheet HTML 29Page - Analog Devices ADF4377 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 79 page
background image
Data Sheet
ADF4377
THEORY OF OPERATION
analog.com
Rev. 0 | 26 of 79
Table 14. LD_COUNT Programming
LD_COUNT
PFD Cycles
30
786431
31
1112181
Figure 67. Lock Detector Timing, Bleed Current Disabled
Table 15. Lock Detector Timing, Bleed Current Disabled
Region
Absolute Phase
Difference at PFD
Lock Detector State
1
> tLDWIN
Low
2
< tLDWIN
Low, counts PFD cycles
3
~0
4
~0
High, ≥ desired PFD cycle count
5
< tLDWIN
High
6
> tLDWIN
Low (immediately)
When the charge pump bleed current is enabled, a phase offset is
applied to the PFD inputs. This phase offset (tIDEL) is proportional
to the amount of bleed current programmed in Equation 10 and
Equation 11. Region 3 and Region 4 in Figure 67 and Figure 68
highlight the PFD phase difference that the PLL settles to when the
charge pump bleed current is disabled or enabled, respectively.
Figure 68. Lock Detector Timing, Bleed Current Enabled
For proper operation of the lock detector, the absolute value of tIDEL
must be less than tLDWIN. The user sets the phase difference lock
window time (tLDWIN) for a valid lock condition with the LDWIN_PW
bit. In most cases, LDWIN_PW must be set to 0. Refer to Table
16 to understand the relationship between the LDWIN_PW bit and
maximum allowable tIDEL.
Table 16. Maximum tIDEL
LDWIN_PW
tIDEL(MAX)
0
±150 ps
1
±250 ps
VCO
The VCO core consists of 4 separate VCOs, each of which uses
256 overlapping bands, which allows the device to cover a wide
frequency range without large VCO sensitivity (KVCO). The output
frequency can be further extended by utilizing the output divider.
Figure 69. VCO and Clock Output Divider
The correct register values for the VCO_CORE, VCO_BAND, and
VCO_BIAS settings are determined by performing a VCO calibra-
tion. See the VCO Calibration section for more information. After
a VCO calibration is performed for a specific device and frequen-
cy, the VCO_CORE, VCO_BAND, and VCO_BIAS values can be
recorded. These recorded values may be programmed manually on
subsequent power ups when the same device and frequency are
used, thereby avoiding the VCO calibration time.
VCO Calibration
A VCO calibration is required to select the correct VCO core, band,
and bias settings for a specific VCO frequency. This procedure
assumes that the device is powered up, the desired reference
frequency is present on the REFP and REFN pins, and all other
registers are programmed correctly. Figure 70 and Figure 71 are
provided as visual aids for this procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com