Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 39 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 35Page - Analog Devices ADF4377 Datasheet HTML 36Page - Analog Devices ADF4377 Datasheet HTML 37Page - Analog Devices ADF4377 Datasheet HTML 38Page - Analog Devices ADF4377 Datasheet HTML 39Page - Analog Devices ADF4377 Datasheet HTML 40Page - Analog Devices ADF4377 Datasheet HTML 41Page - Analog Devices ADF4377 Datasheet HTML 42Page - Analog Devices ADF4377 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 79 page
background image
Data Sheet
ADF4377
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 39 of 79
Table 35. Manually Programmed VCO Calibration Settings
Bit Fields
Value
M_VCO_CORE
Program M_VCO_CORE,
M_VCO_BAND, and M_VCO_BIAS with
recorded VCO_CORE, VCO_BAND,
and VCO_BIAS values, respectively,
from the Standard Power-Up and
Initialization Sequence, Automatic VCO
Calibration section
M_VCO_BAND
M_VCO_BIAS
ALIGNING MULTIPLE ADF4377 OUTPUT
PHASES
Aligning multiple ADF4377 output phases can be broken into two
steps. The first step ensures that the reference dividers, reference
doubler, and clock output divider of the multiple devices are setup
correctly to ensure phase alignment. The second step minimizes
output to output skew between multiple ADF4377 devices.
Step 1: Phase Alignment
The ADF4377 architecture includes the clock output divider and the
output invert inside the integer PLL feedback loop (see Figure 1),
which allows the locked PLL to align the clock output divider phase
to the reference input phase. Therefore, to align multiple ADF4377
output phases, ensure that the reference phases are aligned at all
the reference input pins of the ADF4377.
Because the reference divider and reference doubler are outside
of the PLL loop, refer to Table 36 to ensure that phase alignment
between multiple ADF4377 devices is guaranteed.
Table 36. Reference Settings to Align Multiple ADF4377 Devices
Reference Divider and Doubler State
Guaranteed Reference to Output
Phase Alignment
EN_RDBLR = 1
Yes
R_DIV = 1
Yes
R_DIV > 1
When fOUT/fREF = integer, and fREF ≤
fOUT
Step 2: Output to Output Skew Adjustment
Any variation in reference input to output propagation delay (tPD)
between multiple ADF4377 devices presents itself as output skew
between multiple ADF4377 devices.
To minimize tPD across process and temperature, select the DMA
of the reference input buffer by setting REF_SEL = 0. When the
DMA is selected, the typical tPD standard deviation due to process
variation is 3 ps with a temperature coefficient (tPD-TC) of 0.03
ps/°C, as shown in Figure 24 and Figure 20, respectively.
Due to the controlled tPD of the ADF4377 devices, it is reasona-
ble to expect that a significant portion of the total system skew
(tSKEW_SYSTEM) is due to propagation delay mismatches in traces or
cables (tSKEW_B, tSKEW_D), and skew in other components (tSKEW_A)
or instruments (tMEAS_ERROR, tCHAN1, and tCHAN2). Figure 90 and
Equation 24 provide several sources of possible output skew error
in a typical system. The Analog Dialogue article, "Clock Skew in
Large Multi-GHz Clock Trees" (Volume 53, January 2019), outlines
the skew trade-offs in component selection, board design, and
end-user cost requirements in large clock trees.
Figure 90. Total System Skew
tSKEW_SYSTEM=tSKEW_A+tSKEW_B+tSKEW_C
+tSKEW_D+tMEAS_ERROR
(24)
where:
tSKEW_A = tA1 − tA0
tSKEW_B = tPD_B1 − tPD_B0
tSKEW_C = tPD_C1 − tPD_C0
tSKEW_D = tPD_D1 − tPD_D0
tMEAS_ERROR = tCHAN1 − tCHAN2
To further minimize clock skew between multiple clocks, the
ADF4377 devices provide SPI programmable adjustments to in-
crease or decrease the tPD in sub-ps steps. Table 37 and Table
38 provide a comparison of the multiple reference to output delay
controls. In large clock trees, these tPD adjustments can alleviate
output to output skew trade-offs in component selection, board
design, and end-user cost requirements.
Table 37. ADF4377 Reference to Output Delay Control Comparison
Parameter
s
Referenc
e Delay
Feedback
Delay
Charge Pump Bleed
Current
Output Invert
Register
Bits
R_DEL
N_DEL
EN_BLEED, BLEED_I
bit fields, Bits[9:0],
BLEED_POL
INV_CLKOUT
tPD
Increases Decrease
s
BLEED_POL = 0,
increases
Inverts output,
see Table 19
BLEED_POL = 1,
decreases
Number of
Steps
127
127
1023
Step Size
~1 ps
~1 ps
~0.01 ps to 65 ps,
varies with CP_I and
fPFD Equation 9
1 2×fOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com