Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 72 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 68Page - Analog Devices ADF4377 Datasheet HTML 69Page - Analog Devices ADF4377 Datasheet HTML 70Page - Analog Devices ADF4377 Datasheet HTML 71Page - Analog Devices ADF4377 Datasheet HTML 72Page - Analog Devices ADF4377 Datasheet HTML 73Page - Analog Devices ADF4377 Datasheet HTML 74Page - Analog Devices ADF4377 Datasheet HTML 75Page - Analog Devices ADF4377 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 79 page
background image
Data Sheet
ADF4377
REGISTER MAP
analog.com
Rev. 0 | 72 of 79
Figure 163.
Table 100. Bit Descriptions for REG003D
Bits
Bit Name
Description
Reset
Access
[7:4]
R03D_RSV2
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
3
O_VCO_BAND
Override VCO Band with M_VCO_BAND.
0x0
R/W
0: VCO band code from VCO calibration state machine.
1: VCO band code from M_VCO_BAND.
2
O_VCO_CORE
Override VCO Core with M_VCO_CORE. Refer to the VCO Calibration section.
0x0
R/W
0: VCO core set by the VCO calibration state machine.
1: VCO core set by M_VCO_CORE.
1
O_VCO_BIAS
Override VCO Bias with M_VCO_BIAS. Refer to the VCO Calibration section.
0x0
R/W
0: VCO bias set by the VCO calibration state machine.
1: VCO bias set by M_VCO_VBIAS.
0
R03D_RSV1
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
Address: 0x3E, Reset: 0x00, Name: REG003E
Figure 164.
Table 101. Bit Descriptions for REG003E
Bits
Bit Name
Description
Reset
Access
7
R03E_RSV8
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
6
R03E_RSV7
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
5
R03E_RSV6
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
4
R03E_RSV5
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
3
R03E_RSV4
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
2
R03E_RSV3
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
1
R03E_RSV2
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
0
R03E_RSV1
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
Address: 0x3F, Reset: 0x00, Name: REG003F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com