Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 42 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 38Page - Analog Devices ADF4377 Datasheet HTML 39Page - Analog Devices ADF4377 Datasheet HTML 40Page - Analog Devices ADF4377 Datasheet HTML 41Page - Analog Devices ADF4377 Datasheet HTML 42Page - Analog Devices ADF4377 Datasheet HTML 43Page - Analog Devices ADF4377 Datasheet HTML 44Page - Analog Devices ADF4377 Datasheet HTML 45Page - Analog Devices ADF4377 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 79 page
background image
Data Sheet
ADF4377
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 42 of 79
Design Considerations
The Reference and SYSREF Distribution Selection section, Board
Layout Considerations section, Skew Adjustment Options section,
Skew Measurement, Adjustments and System Error section, and
Power-Up, Programming, and Measurement Sequence section pro-
vide an overview of several design considerations when designing
a low clock skew system with multiple ADF4377 devices and
multiple JESD204B/C converters that include a TDC.
Reference and SYSREF Distribution Selection
In high performance applications that require minimum clock skew
and drift, it is recommended to choose a reference distribution de-
vice whose additive noise floor meets the requirements described
in the Reference Source Considerations section, and whose output
slew rate allows for the DMA option of the ADF4377 reference input
buffer (see Table 7). The DMA option minimizes tPD-TC, as shown
in Figure 20. Most reference distribution ICs output a square wave.
The slew rate of a square wave is determined by Equation 25.
������������������������������������������������=
������������-������× %������������������������������������������������������������������ℎ������������������ℎ������������������−%������������������������������������������������������������������ℎ������������������ℎ������������������
������������������������������
(25)
The HMC7044, HMC7043, LTC6952, LTC6953, LTC6955,
LTC6954, or LTC6957-1 are adequate reference distribution ICs
for the noise floor and rise time requirements.
By using multiple outputs from a single reference and SYSREF
distribution IC, the reference and SYSREF temperature delay drift
match. See the LTC6952, LTC6953, and LTC6957-1 data sheets for
more information on output skew variation over process per output
to aid in SYSREF output selection. Choosing the outputs with the
least skew for SYSREF outputs improves the skew adjustment
errors, as described in the Skew Measurement, Adjustments and
System Error section.
Selecting a JESD204B/C reference and SYSREF distribution IC
requires knowledge of the AD9213 JESD204B serial lane rates and
the clock and SYSREF requirements of the field programmable
gate array (FPGA). Both these topics are beyond the scope of this
data sheet. However, ADI has created several JESD204B/C devel-
opment platforms that provide hardware and software examples
that can aid further in the reference and SYSREF distribution IC
selection. Several of these platforms are available on the Analog
Devices website.
Board Layout Considerations
During hardware design, it is best to match the electrical lengths (ℓ)
for the reference, clock, and SYSREF traces in Figure 92, as shown
in Table 40.
Table 40. Trace Length Matching for Skew Optimization
If Skew Adjustments
Performed
Skew Optimization
Skew Temperature Coef-
ficient Optimization
No
ℓREFA = ℓREFB, ℓCLKA =
ℓCLKB, and ℓSYSREFA =
ℓSYSREFB
ℓSYSREFx = ℓREFx + ℓCLKx
Yes
ℓSYSREFA = ℓSYSREFB
ℓSYSREFx = ℓREFx + ℓCLKx
Refer to the Analog Dialogue article, "Clock Skew in Large Multi-
GHz Clock Trees" (Volume 53, January 2019) for more information
on PCB material selection, transmission line selection, cable selec-
tion, and several other concerns related to clock skew.
Signal attenuation is proportional to the length of the trace and
signal frequency. Converter clock traces must be treated as RF
traces because any unwanted spurious or noise that couples onto
the clock signals can affect the performance of the converters.
Therefore, it is recommended to minimize the ℓCLKA and ℓCLKB trace
lengths to optimize performance and limit attenuation. Refer to the
ADC Clock and Jitter Considerations section for additional informa-
tion on clock performance concerns, routing, and recommended
schematics.
In most cases, trace matching board layout errors can be corrected
with the ∆t functions in the reference and SYSREF distribution IC,
the ADF4377 or the AD9213, shown in Figure 92.
Skew Adjustment Options
Figure 92 has skew adjustment (∆t) blocks in the Stage 1 IC, the
ADF4377, and the AD9213. In most cases, the ADF4377 is the pre-
ferred skew adjustment option in terms of maximizing performance.
The ADF4377 ∆t blocks are discussed in Table 37. For this design
example, either R_DEL and N_DEL or BLEED_I bit fields, Bits[9:0]
are valid options. However, in Figure 92, only R_DEL and N_DEL
are shown.
The AD9213 also provides a ∆t block capable of sub-ps step sizes.
Like any ∆t block, there is an opportunity for increased phase noise.
The ADF4377 and AD9213 ∆t blocks affect phase noise at different
frequency offsets, as shown in Table 41.
Table 41. Clock Phase Noise Region Affected by ADF4377 and AD9213 Δt
Blocks
Δt Block
In-Band Phase Noise
Wideband Phase Noise
< ADF4377 Loop Filter
Bandwidth
~10 MHz to fCLK
ADF4377 ∆t
Minimal additive noise,
refer to Table 38
None
AD9213 ∆t
None
Minimal additive noise
The reference and SYSREF distribution IC in Figure 92 has a ∆t
block for each output. The typical Stage 1 IC skew adjustment
step size is in the 11 ps (LTC6952, LTC6953) to 25 ps (HMC7044,
HMC7043) range. These ∆t blocks typically increase the phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com