Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 25 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 21Page - Analog Devices ADF4377 Datasheet HTML 22Page - Analog Devices ADF4377 Datasheet HTML 23Page - Analog Devices ADF4377 Datasheet HTML 24Page - Analog Devices ADF4377 Datasheet HTML 25Page - Analog Devices ADF4377 Datasheet HTML 26Page - Analog Devices ADF4377 Datasheet HTML 27Page - Analog Devices ADF4377 Datasheet HTML 28Page - Analog Devices ADF4377 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 79 page
background image
Data Sheet
ADF4377
THEORY OF OPERATION
analog.com
Rev. 0 | 25 of 79
Figure 66. Bleed Current Delay Step Size
Bleed current delay (tIDEL) is determined by tIDEL-STEP, the
BLEED_POL bit, and BLEED_I bit fields, Bits[9:0]. Refer to Equa-
tion 10 and Equation 11.
If BLEED_POL = 0, the propagation delay from the REFP and
REFN input pins to the CLKxP and CLKxN output pins increases.
Refer to Figure 19.
tIDEL=tIDEL−STEP×BLD_I
(10)
where BLD_I represents the decimal value of the BLEED_I bit field,
Bits[9:0].
If BLEED_POL = 1, the propagation delay from the REFP and
REFN input pins to the CLKxP and CLKxN output pins decreases.
Refer to Figure 22
tIDEL=−tIDEL−STEP×BLD_I
(11)
The maximum tIDEL for proper lock detector functionality is based
on the LDWIN_PW setting, as shown in Table 16.
INV_CLKOUT, BLEED_I bit fields, Bits[9:0], and BLEED_POL can
be used in conjunction to align the multichip output to output skew
to as small as ±0.05 ps (see Equation 9). The largest BLEED_I
bit fields, Bits[9:0] settings may increase LNORM by 1 dB and L1/f
by 4 dB, as shown in Figure 36. INV_CLKOUT does not degrade
performance and must be used to adjust for multichip output to
output skews greater than a quarter of the 1/fOUT period, in lieu
of a large BLEED_I bit fields, Bits[9:0] value. As a result, the
maximum tIDEL adjustment never needs to be more than a quarter
of the 1/fOUT period. See the Applications Information section for the
relationship between R_DEL, N_DEL, INV_CLKOUT, BLEED_I bit
fields, Bits[9:0], and BLEED_POL.
Lock Detector
The lock detector uses internal signals from the PFD to measure
phase coincidence between the output signal of the reference
divider and doubler (RCLK) in Figure 62 and the output signal of
the feedback divider (NCLK) in Figure 72. It is enabled by setting
both the EN_LOL bit and the EN_LDWIN bit to 1 and presents the
lock detector output on the LKDET pin and the LOCKED bit. The
lock detector output can also be presented on the MUXOUT pin by
programming the MUXOUT bits (see Figure 75). The CMOS_OV bit
determines if the logic high level for the MUXOUT, LKDET, SDO,
and SDIO output pins is 3.3 V or 1.8 V.
The PFD phase difference must be less than the phase difference
lock window time (tLDWIN) for a set number of PFD cycles before the
lock detector output indicates that the PLL has locked. The desired
number of PFD cycles varies if a designer prioritizes lock detect
accuracy or speed. Five loop filter time constants can be used as
an initial estimate of the desired number of PFD cycles, as shown
in Equation 12. The desired number of PFD cycles is set by the
LD_COUNT bits, as shown in Table 14. Refer to Figure 67 and
Table 15 for more details.
PFD Cycles= 5×fPFD
2×π×LPBW
(12)
where LPBW = loop filter bandwidth.
Table 14. LD_COUNT Programming
LD_COUNT
PFD Cycles
0
23
1
32
2
47
3
66
4
95
5
134
6
191
7
270
8
383
9
542
10
767
11
1085
12
1535
13
2171
14
3071
15
4343
16
6143
17
8687
18
12287
19
17376
20
24575
21
34754
22
49151
23
69510
24
98303
25
139021
26
196607
27
278044
28
393215
29
556090



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com