Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 61 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 57Page - Analog Devices ADF4377 Datasheet HTML 58Page - Analog Devices ADF4377 Datasheet HTML 59Page - Analog Devices ADF4377 Datasheet HTML 60Page - Analog Devices ADF4377 Datasheet HTML 61Page - Analog Devices ADF4377 Datasheet HTML 62Page - Analog Devices ADF4377 Datasheet HTML 63Page - Analog Devices ADF4377 Datasheet HTML 64Page - Analog Devices ADF4377 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 79 page
background image
Data Sheet
ADF4377
REGISTER MAP
analog.com
Rev. 0 | 61 of 79
Figure 132.
Table 69. Bit Descriptions for REG001E
Bits
Bit Name
Description
Reset
Access
7
R01E_RSV6
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
6
R01E_RSV5
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
[5:4]
R01E_RSV4
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
3
R01E_RSV3
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
2
R01E_RSV2
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
[1:0]
R01E_RSV1
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
Address: 0x1F, Reset: 0x00, Name: REG001F
Figure 133.
Table 70. Bit Descriptions for REG001F
Bits
Bit Name
Description
Reset
Access
7
BST_REF
Enable LNA Reference Input Buffer Gain Boost for Low Amplitude Input. Refer to Table 9.
0x0
R/W
0: disabled.
1: enabled.
6
FILT_REF
Enable LNA Reference Input Buffer Filter. Refer to Table 8.
0x0
R/W
0: disabled.
1: enabled.
5
REF_SEL
Select the Reference Input Buffer. Refer to Table 7.
0x0
R/W
0: DMA for an improved reference input to clock output propagation delay temperature coefficient.
1: LNA for improved PLL in-band noise when a low slew rate signal is applied to the reference input.
4
R01F_RSV2
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
[3:0]
R01F_RSV1
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
Address: 0x20, Reset: 0x00, Name: REG0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com