Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 38 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 34Page - Analog Devices ADF4377 Datasheet HTML 35Page - Analog Devices ADF4377 Datasheet HTML 36Page - Analog Devices ADF4377 Datasheet HTML 37Page - Analog Devices ADF4377 Datasheet HTML 38Page - Analog Devices ADF4377 Datasheet HTML 39Page - Analog Devices ADF4377 Datasheet HTML 40Page - Analog Devices ADF4377 Datasheet HTML 41Page - Analog Devices ADF4377 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 79 page
background image
Data Sheet
ADF4377
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 38 of 79
Table 33. SPI Summary - SPI Protocol
Bit Field
Value
MAIN_READBACK_CONTROL
0x0
Remaining Register Settings
The Charge Pump Test Mode section,MUXOUT section, and Block
Power Down Control section list several bit fields that are rec-
ommended for special purposes, such as debug or ambient die
temperature measurements. For this normal use case, these bit
fields must be set to their POR state (see Table 34). SOFT_RESET,
SOFT_RESET_R, RST_SYS, and ADC_ST_CNV are the only re-
maining RW bit fields not mentioned yet, and must also be set to
their POR state (see Table 34).
The bit columns in Table 42 have several cells without a name.
These unnamed, reserved cells must be programmed to the state
provided in Table 42 for proper operation.
Table 34. SPI Summary, Remaining Registers
Bit Field
Value
EN_CPTEST
0x0
CP_UP
0x0
CP_DOWN
0x0
MUXOUT
0x0
PD_CLK
0x0
PD_CALDAC
0x0
PD_ALL
0x0
PD_RDIV
0x0
PD_NDIV
0x0
PD_VCO
0x0
PD_LD
0x0
PD_PFDCP
0x0
SOFT_RESET, SOFT_RESET_R
0x0
RESET_SYS
0x0
ADC_ST_CNV
0x0
Programming Procedure
There are two different methods to power up the ADF4377. The
most commonly used method provided in the Standard Power-Up
and Initialization Sequence, Automatic VCO Calibration section is
mandatory on the initial device power-up.
The method provided in the Fast Power-Up and Initialization, Man-
ually Programmed VCO Calibration Settings (Optional) section is an
optional power-up procedure after the initial power-up.
Standard Power-Up and Initialization
Sequence, Automatic VCO Calibration
The following standard power-up and initialization sequence is the
recommended procedure to power up and program the ADF4377:
1. Follow Step 1 through Step 5 in the Power-Up and Initialization
Sequence section, using the register settings provided in the
Design Procedure section.
2. It is optional to monitor the status of the VCO calibration bit
fields, ADC_BUSY and FSM_BUSY. A VCO calibration is com-
pleted when ADC_BUSY transitions from high to low, followed
by FSM_BUSY transitioning from high to low. Typical automatic
VCO calibration times range from 3 ms to 9 ms.
3. After the VCO calibration is complete, disable the VCO
calibration clocks by setting EN_DRCLK = EN_DNCLK =
EN_ADC_CLK = 0. Disabling the VCO calibration clocks re-
duces the V3.3V_1 current by roughly 15 mA and reduces
unwanted spurious content.
4. PLL is locked when the lock detector sets the LKDET pin and
the LOCKED bit high.
Fast Power-Up and Initialization, Manually
Programmed VCO Calibration Settings
(Optional)
The purpose of the fast power-up and initialization method is to
avoid the automatic VCO calibration time, which is typically 3 ms to
9 ms. For fixed clock frequency converter applications, such as this
design and programming Example 1, automatic VCO calibration
times are typically acceptable. The following list provides the steps
to record the VCO calibration results on the initial power-up and
manually program VCO Calibration settings on subsequent power
ups:
1. On initial power, follow the procedure in the Standard Power-Up
and Initialization Sequence, Automatic VCO Calibration section.
2. Record calibration results from the VCO_CORE, VCO_BAND,
and VCO_BIAS bit fields and store the recorded results in
memory. Note that each unique device and frequency com-
bination generates different VCO_CORE, VCO_BAND, and
VCO_BIAS values.
3. Subsequent power-up and initialization sequences (see the-
Power-Up and Initialization Sequence section) can bypass the
automatic VCO calibration procedure by programming the over-
ride (O_VCO_CORE, O_VCO_BAND, and O_VCO_BIAS) and
manual (M_VCO_CORE, M_VCO_BAND, and M_VCO_BIAS)
VCO register bits with the register settings provided in Table 35.
All other bit fields from the Design Procedure section remain the
same.
Table 35. Manually Programmed VCO Calibration Settings
Bit Fields
Value
EN_AUTOCAL
0x0
EN_DRCLK
0x0
EN_DNCLK
0x0
EN_ADC_CLK
0x0
O_VCO_CORE
0x1
O_VCO_BAND
0x1
O_VCO_BIAS
0x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com