Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 36 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 32Page - Analog Devices ADF4377 Datasheet HTML 33Page - Analog Devices ADF4377 Datasheet HTML 34Page - Analog Devices ADF4377 Datasheet HTML 35Page - Analog Devices ADF4377 Datasheet HTML 36Page - Analog Devices ADF4377 Datasheet HTML 37Page - Analog Devices ADF4377 Datasheet HTML 38Page - Analog Devices ADF4377 Datasheet HTML 39Page - Analog Devices ADF4377 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 79 page
background image
Data Sheet
ADF4377
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 36 of 79
For ADIsimPLL loop filter design, note that the selected LNA refer-
ence amplifier has a higher gain than the DMA reference amplifier.
As a result, the LNA generates larger reference spurious content,
which requires a 5th order loop filter design to achieve the stated
typical spurious performance of −100 dBc. However, the DMA has
less reference spurious content and can use a simpler 4th order
loop filter design for the same spurious result. For the purposes of
the reference and loop filter design, assume ADIsimPLL created a
loop filter with a 460 kHz loop bandwidth. The loop filter bandwidth
is used to determine the LD_COUNT setting in the Lock Detector
Settings section.
Output Selection, Frequency and Amplitude
The Design and Programming Example 1: Single ADF4377 section
design goals require fOUT = 12 GHz. Table 18 sets CLKOUT_DIV
= 0 and O = 1 when fOUT = 12 GHz. The PLL feedback divider
bit fields, N_INT, Bits[11:0], can be determined from Equation 4,
Equation 6, and Table 20.
fOUT=fVCO
/O=fVCO
fVCO
=fREF×D×N×O, solving for N produces
N
=fVCO/fREF×D×O =12 GHz/125 MHz×2×1
=
48, N_INT setting
The clock output buffer amplitude (see the Clock Output Buffer
section) does not have a noticeable effect on jitter performance,
see Figure 9. However, Figure 47 indicates that lower amplitudes
decrease the supply current. Therefore, choose the lowest ampli-
tude setting the ADC clock input accepts. For the frequency and
amplitude output selection, choose the CLK1P and CLK1N clock
output buffer amplitude by setting CLKOUT1_OP = 1 (see Figure
30 and Table 21).
Enable the output of CLK1P and CLK1N by setting the ENCLK1 pin
to logic high and setting PD_CLKOUT1 = 0. Because this example
clocks a single ADC, the output of CLK2P and CLK2N is pow-
ered down. Power down CLK2P and CLK2N either by setting the
ENCLK2 pin to a logic low and/or setting the PD_CLKOUT2 bit = 1.
Because CLK2P and CLK2N is powered down, the CLKOUT2_OP
amplitude setting can remain at its power on reset state of 0.
Common ADF4377 clock output networks are shown in Figure 98.
Table 26. SPI Summary, Output Selection, Frequency and Amplitude
Bit Field
Value
CLKOUT_DIV
0x0
N_INT, Bits[11:0]
0x30
CKLOUT1_OP
0x1
CLKOUT2_OP
0x0
PD_CLKOUT1
0x0
PD_CLKOUT2
0x1
Reference to Output Propagation Delay
Settings
Reference to output propagation delay was not mentioned in the
Design and Programming Example 1: Single ADF4377 section. In
the Design and Programming Example 1: Single ADF4377 section,
it was stated to prioritize to the lowest jitter performance. Setting
the reference to output delay controls to their minimum setting
achieves the lowest jitter by minimizing LNORM and L1/f (see Figure
12, Figure 15, Figure 36, and Figure 39). As shown in Figure 14,
the INV_CLKOUT setting does not affect jitter performance and can
remain at its power on reset state of 0.
Table 27. SPI Summary, Propagation Delay
Bit Field
Value
EN_BLEED
0x0
BLEED_I bit fields, Bits[9:0]
0x0
BLEED_POL
0x0
R_DEL
0x0
N_DEL
0x0
INV_CLKOUT
0x0
Lock Detector Settings
To enable the lock detector (see the Lock Detector section), set
the EN_LOL and EN_LDWIN bits to 1. The LD_COUNT bit field
is determined by Equation 12. As mentioned in the Reference and
Loop Filter Design section, a 460 kHz loop bandwidth (LPBW) was
assumed.
PFD Cycles=fPFD×5/2×π×LPBW =250
 MHz×5/2×π×460 kHz =432
The calculated minimum PFD cycle count of 432 is then compared
to the PFD cycle column in Table 14, which results in 542 PFD
cycles and LD_COUNT = 9.
To determine the LDWIN_PW setting from Table 16, calculate tIDEL
from Equation 10 or Equation 11. Because the BLEED_I bit fields,
Bits[9:0], is set to 0 in the Reference to Output Propagation Delay
Settings section, tIDEL = 0. Based on Table 16, when tIDEL = 0,
LDWIN_PW is set to 0. The RST_LD bit is related to the lock
detector and is set to 0 in normal use cases.
Table 28. SPI Summary, Lock Detector
Bit Field
Value
EN_LOL
0x1
EN_LDWIN
0x1
LD_COUNT
0x9
LDWIN_PW
0x0
RST_LD
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com