Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 33 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 29Page - Analog Devices ADF4377 Datasheet HTML 30Page - Analog Devices ADF4377 Datasheet HTML 31Page - Analog Devices ADF4377 Datasheet HTML 32Page - Analog Devices ADF4377 Datasheet HTML 33Page - Analog Devices ADF4377 Datasheet HTML 34Page - Analog Devices ADF4377 Datasheet HTML 35Page - Analog Devices ADF4377 Datasheet HTML 36Page - Analog Devices ADF4377 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 79 page
background image
Data Sheet
ADF4377
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 33 of 79
Figure 85. Differential CML
Reference Phase Noise
The ADF4377 achieves an in-band normalized phase noise floor
of LNORM = −239 dBc/Hz typical. To calculate the equivalent input
phase noise floor (LIN), use the following Equation 17. Equation 17
is plotted in Figure 86.
LIN=LNORM+10×log10fREF
(17)
Figure 86. Equivalent Input Reference Noise Floor vs. Reference Input
Frequency
For example, a 100 MHz reference input frequency gives an LIN
of −159 dBc/Hz. The phase noise of the reference frequency
source must be at least 6 dB less than LIN to avoid impacting and
increasing the overall system phase noise.
To maintain typical LNORM performance, Table 7 provides criteria
for selecting the optimal REF_SEL setting based on the input
reference signal type and amplitude.
OUTPUT PHASE NOISE CHARACTERISTICS
In-Band Output Phase Noise
The in-band phase noise floor (LOUT) produced at fOUT may be
calculated by Equation 18 and Equation 19.
LOUT=LNORM+10×log10fPFD +20×log10
fOUTfPFD
(18)
or
LOUT=LNORM+10×log10fPFD +20×log10
NO
(19)
where LNORM = −239 dBc/Hz. See Figure 36 to Figure 41, which
show LNORM variation vs. ICP, N_DEL, R_DEL, BLEED_I bit fields,
Bits[9:0], and reference slew rate.
As shown from Equation 18 and Equation 19 for a given PFD
frequency (fPFD), the output in-band phase noise increases at a 20
dB per decade rate with the N divider count. Therefore, for a given
output frequency (fOUT), fPFD must be as large as possible (or N
must be as small as possible) while still satisfying the frequency
step size requirements of the application.
Output Phase Noise Due to 1/f Noise
In-band phase noise at very low offset frequencies may be influ-
enced by the 1/f noise of the ADF4377, depending on fPFD. Use the
normalized in-band 1/f noise (L1/f ) of −287 dBc/Hz with Equation
20 to approximate the output 1/f phase noise at a given frequency
offset (fOFFSET).
LOUT1/f =L1/f+20×log10fOUT −10
×log10fOFFSET
(20)
Often L1/f is normalized to a 1 GHz signal at a 10 kHz offset, as
shown in Equation 21.
L1/f_1G_10k=L1/f+20×log101 GHz −10
×log1010 kHz =L1/f+140 dB
(21)
Unlike the in-band noise floor (LOUT), the 1/f noise (LOUT(1/f)) does
not change with fPFD and is not constant over offset frequency. See
Figure 87 for an example of in-band phase noise for fPFD equal to
100 MHz and 500 MHz. The total phase noise is the summation of
LOUT and LOUT(1/f), calculated by Equation 22.
LOUTTOTAL fOFFSET =10×log10
10LOUT10+10LOUT1/f fOFFSET10
(22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com