Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 63 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 59Page - Analog Devices ADF4377 Datasheet HTML 60Page - Analog Devices ADF4377 Datasheet HTML 61Page - Analog Devices ADF4377 Datasheet HTML 62Page - Analog Devices ADF4377 Datasheet HTML 63Page - Analog Devices ADF4377 Datasheet HTML 64Page - Analog Devices ADF4377 Datasheet HTML 65Page - Analog Devices ADF4377 Datasheet HTML 66Page - Analog Devices ADF4377 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 79 page
background image
Data Sheet
ADF4377
REGISTER MAP
analog.com
Rev. 0 | 63 of 79
Figure 137.
Table 74. Bit Descriptions for REG0023
Bits
Bit Name
Description
Reset
Access
7
CAL_CT_SEL
VCO Calibration Count Select. Refer to Table 17.
0x0
R/W
[6:1]
R023_RSV6
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
0
R022_RSV0[8]
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
Address: 0x24, Reset: 0x00, Name: REG0024
Figure 138.
Table 75. Bit Descriptions for REG0024
Bits
Bit Name
Description
Reset
Access
7
R024_RSV4
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
[6:3]
R024_RSV3
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
2
DCLK_MODE
Enable Frequency Reduction During VCO Calibration. Divides fDIV_RCLK and fDIV_NCLK by 2 when enabled.
Refer to Table 17.
0x0
R/W
0: disabled.
1: enabled.
1
R024_RSV2
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
0
R024_RSV1
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
Address: 0x25, Reset: 0x00, Name: REG0025
Figure 139.
Table 76. Bit Descriptions for REG0025
Bits
Bit Name
Description
Reset
Access
7
CLKODIV_DB
Enables Double Buffering for CLKOUT_DIV Bit Field.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com