Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 28 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 24Page - Analog Devices ADF4377 Datasheet HTML 25Page - Analog Devices ADF4377 Datasheet HTML 26Page - Analog Devices ADF4377 Datasheet HTML 27Page - Analog Devices ADF4377 Datasheet HTML 28Page - Analog Devices ADF4377 Datasheet HTML 29Page - Analog Devices ADF4377 Datasheet HTML 30Page - Analog Devices ADF4377 Datasheet HTML 31Page - Analog Devices ADF4377 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
Data Sheet
ADF4377
THEORY OF OPERATION
analog.com
Rev. 0 | 28 of 79
Table 17. CAL_CT_SEL, DCLK_DIV2, and DCLK_MODE Setup
fPFD (MHz)
CAL_CT_
SEL
DCLK_DIV2 DCLK_MOD
E
fDIV_RCLK
(MHz)
≤160
1
0
0
fPFD/2
>160 and ≤250
1
0
1
fPFD/2
>250 and ≤320
0
1
0
fPFD/4
>320 and ≤500
0
1
1
fPFD/4
Clock Output Divider
A 2-bit divider, CLKOUT_DIV, in Figure 69 is used to reduce
the frequency seen at the output buffer and feedback divider.
The clock output divide value (O) may be set to 1, 2, 4, or 8.
Use the CLKOUT_DIV bit to directly program the divide ratio.
CLKOUT_DIV is located inside the PLL loop. Therefore, any
change to CLKOUT_DIV requires a change to the N_INT bit fields,
Bits[11:0] to maintain the same fPFD and results in the PLL losing
lock for a few loop time constants. Refer to Table 18 for more infor-
mation. See the Theory of Operation section for the relationship
between the fREF, fPFD, fVCO, and fOUT frequencies.
Table 18. CLKOUT_DIV Programming
CLKOUT_DIV
O
Output Frequency Range
(GHz)
0
1
6.4 ≥ fOUT ≤ 12.8
1
2
3.2 ≥ fOUT ≤ 6.4
2
4
1.6 ≥ fOUT ≤ 3.2
3
8
0.8 ≥ fOUT ≤ 1.6
Output Invert (INV_CLKOUT)
The output invert (INV_CLKOUT) is used to shift the output signal
180° with respect to the rising edge of the reference input signal,
when fOUT is an integer multiple of fREF. Refer to Table 19 for more
information. INV_CLKOUT is located inside the PLL loop, and any
change to INV_CLKOUT results in the PLL losing lock for few a
loop time constants. Use the INV_CLKOUT bit to directly program
the output phase.
Table 19. INV_CLKOUT Programming
fOUT/fREF=
INV_CLKOUT
Each Reference Rising Edge
Aligned to
Integer
0
CLKP rising edge
Integer
1
CLKP falling edge
Noninteger
x
Varies
INV_CLKOUT, N_DEL, R_DEL, BLEED_I bit fields, Bits[9:0], and
BLEED_POL can be used in conjunction to align the multichip
output to output skew to sub ps levels. INV_CLKOUT does not
degrade performance and must be used to adjust for multichip out-
put-output skews greater than a quarter of the 1/fOUT period, in lieu
of a large N_DEL, R_DEL, or BLEED_I bit fields, Bits[9:0] value.
See the Aligning Multiple ADF4377 Output Phases section for the
relationship between R_DEL, N_DEL, INV_CLKOUT, BLEED_I bit
fields, Bits[9:0], and BLEED_POL.
Feedback Divider (N)
A 12-bit divider, the N_INT bit fields, Bits[11:0], in Figure 72, is
used to reduce the frequency seen at the output of the clock output
divider. The feedback divider closes the feedback loop from the
VCO and clock output divider to the PFD.
Figure 72. Feedback Divider
The feedback divider divide ratio (N) may be programmed to any
integer from 2 to 4095. Use the N_INT bit fields, Bits[11:0] to
directly program the N divide ratio (see Table 20). See the Output
Frequency section for the relationship between N, O, and the fREF,
fPFD, fVCO, and fOUT frequencies. The state of the DCLK_MODE bit
is determined by Table 17.
Table 20. N_INT Programming
N_INT Bit Fields, Bits[11:0]
N
0
Not applicable
1
Not applicable
2
2
3
3
…
…
4095
4095
Feedback Delay
A 7-bit delay, N_DEL, is used to decrease the propagation delay
from the REFP and REFN input pins to the CLKxP and CLKxN
output pins. Use the N_DEL bits to directly program the feedback
delay (tNDEL), which typically ranges from 0 ps to 110 ps in 0.85 ps
steps (see Figure 73).
Figure 73. Step Size vs. N_DEL , Typical Feedback Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com