Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 32 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 28Page - Analog Devices ADF4377 Datasheet HTML 29Page - Analog Devices ADF4377 Datasheet HTML 30Page - Analog Devices ADF4377 Datasheet HTML 31Page - Analog Devices ADF4377 Datasheet HTML 32Page - Analog Devices ADF4377 Datasheet HTML 33Page - Analog Devices ADF4377 Datasheet HTML 34Page - Analog Devices ADF4377 Datasheet HTML 35Page - Analog Devices ADF4377 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 79 page
background image
Data Sheet
ADF4377
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 32 of 79
LOOP FILTER DESIGN
A stable loop filter design requires care in selecting the loop filter
components of the ADF4377. It is recommended to download and
install ADIsimPLL™ for loop filter design and simulation. ADIsimPLL
has an integrated tutorial for first time users and a help manual for
more complex topics. There are also several ADIsimPLL training
videos available on www.analog.com. After a loop filter has been
designed and simulated, it is recommended to verify the new loop
filter using the ADF4377 evaluation hardware.
A full loop filter design tutorial is beyond the scope of this data
sheet. However, some best practices are shown in the following
lists. ADIsimPLL aids in defining and simulating these parameters.
Any significant change to these items requires a new loop filter
design.
A stable loop filter must meet the following criteria:
►
Loop filter phase margin > 45°
►
Loop filter bandwidth <
fPFD÷10
The desired loop filter bandwidth is determined by the following
features of the ADF4377:
►
ICP
►
KVCO
►
PFD frequency
►
Reference input phase noise (see the Reference Phase Noise
section).
►
Trade-off between minimizing jitter or settling time (see the
Output Phase Noise Characteristics section and Equation 12,
respectively).
The VTUNE pin has an internal 30 pf capacitor to GND that must
be included in the loop filter design. ADIsimPLL takes this internal
capacitance into account automatically.
REFERENCE SOURCE CONSIDERATIONS
Reference Input Network
The reference input buffer of the ADF4377, shown in Figure 61,
provides a flexible interface to either differential or single-ended
frequency sources. Figure 80 to Figure 85 show recommended
interfaces for different reference signal types. All ZO signal traces
are 50 Ω transmission lines in Figure 80, Figure 81, Figure 82,
Figure 83, Figure 84, and Figure 85.
Figure 80. Single-Ended 50 Ω Source (VREF < 2.6 V p-p)
Figure 81. Single-Ended 50 Ω Source (VREF > 2.6 V p-p)
Figure 82. Single-Ended CMOS
Figure 83. Differential LVPECL
Figure 84. Differential LVDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com