Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 51 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 47Page - Analog Devices ADF4377 Datasheet HTML 48Page - Analog Devices ADF4377 Datasheet HTML 49Page - Analog Devices ADF4377 Datasheet HTML 50Page - Analog Devices ADF4377 Datasheet HTML 51Page - Analog Devices ADF4377 Datasheet HTML 52Page - Analog Devices ADF4377 Datasheet HTML 53Page - Analog Devices ADF4377 Datasheet HTML 54Page - Analog Devices ADF4377 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 79 page
background image
Data Sheet
ADF4377
REGISTER MAP
analog.com
Rev. 0 | 51 of 79
Table 44. Bit Descriptions for REG0001
Bits
Bit Name
Description
Reset
Access
1: double buffering, readback main register.
4
R001_RSV4
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
3
RESERVED
Reserved.
0x0
R
2
R001_RSV2
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
1
R001_RSV1
Reserved. Table 42 provides required reserved register settings.
0x0
R/W
0
RESERVED
Reserved.
0x0
R
Address: 0x02, Reset: 0x00, Name: REG0002
Figure 108.
Table 45. Bit Descriptions for REG0002
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
R002_RSV1
Reserved.
0x0
R
Address: 0x03, Reset: 0x00, Name: REG0003
Figure 109.
Table 46. Bit Descriptions for REG0003
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
CHIP_TYPE
Chip Type = 0x06.
0x0
R
Address: 0x04, Reset: 0x00, Name: REG0004
Figure 110.
Table 47. Bit Descriptions for REG0004
Bits
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID[7:0]
Product ID = 0x0005.
0x0
R
Address: 0x05, Reset: 0x00, Name: REG0005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com