Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4377 Datasheet(PDF) 37 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 33Page - Analog Devices ADF4377 Datasheet HTML 34Page - Analog Devices ADF4377 Datasheet HTML 35Page - Analog Devices ADF4377 Datasheet HTML 36Page - Analog Devices ADF4377 Datasheet HTML 37Page - Analog Devices ADF4377 Datasheet HTML 38Page - Analog Devices ADF4377 Datasheet HTML 39Page - Analog Devices ADF4377 Datasheet HTML 40Page - Analog Devices ADF4377 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 79 page
background image
Data Sheet
ADF4377
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 37 of 79
VCO Automatic Calibration Settings
The procedure to determine the SPI registers for an automatic VCO
calibration is outlined in the VCO Calibration section.
The VCO calibration Step 1 enables the automatic calibration
bit, EN_AUTOCAL, along with enabling several VCO calibration
dividers, clocks, and the temperature sensor.
Table 29. SPI Summary, VCO Automatic Calibration, Step 1
Bit Field
Value
EN_DNCLK
0x1
EN_DRCLK
0x1
ADC_CLK_SEL
0x0
ADC_A_CONV
0x1
EN_AUTOCAL
0x1
EN_ADC_CNV
0x1
EN_ADC
0x1
EN_ADC_CLK
0x1
PD_ADC
0x0
In VCO calibration Step 2, Table 17 determines the state of
CAL_CT_SEL, DCLK_DIV2, and DCLK_MODE based off the 250
MHz PFD frequency. DCLK_DIV1 must always be set to 1 regard-
less of PFD frequency. Table 17 provides an equation to calculate
fDIV_RCLK
fDIV_RCLK=fPFD/2 =250 MHz/2 = 125
 MHz
Table 30. SPI Summary, VCO Automatic Calibration, Step 2
Bit Field
Value
CAL_CT_SEL
0x1
DCLK_DIV2
0x0
DCLK_MODE
0x1
DCLK_DIV1
0x1
In the VCO calibration Step 3 and Step 4, Equation 13,
Equation 14, Equation 15, and Equation 16 are provided
to calculate the SYNTH_LOCK_TIMEOUT bit fields, Bits[14:0],
VCO_ALC_TIMEOUT bit fields, Bits[14:0], VCO_BAND_DIV bits,
and ADC_CLK_DIV bits from fDIV_RCLK.
SYNTH_LOCK_TIMEOUT≥Ceiling
200 μs×125 MHz =25000
VCO_ALC_TIMEOUT≥Ceiling50 μs×125 MHz
=6250
VCO_BAND_DIV≥Ceiling 15 μs×125 MHz
16×21
=Ceiling58.59375 =59
ADC_CLK_DIV>Ceiling 125 MHz
400 kHz− 2
4
=Ceiling
77.625 =78
Table 31. SPI Summary, VCO Automatic Calibration, Step 3 and Step 4
Bit Field
Value
SYNTH_LOCK_TIMEOUT
0x61A8
VCO_ALC_TIMEOUT
0x186A
VCO_BAND_DIV
0x3B
ADC_CLK_DIV
0x4E
Double Buffer and Manual VCO Calibration
Settings
If multiple frequency settings are desired, double buffering (see the
Double Buffering section) and manual programming of the VCO
settings can improve frequency switching times. In a single fixed
frequency application, such as this design procedure, these modes
are rarely required. Therefore, related bits can remain in their
power-up default state.
Table 32. SPI Summary, Double Buffer and Manual VCO Calibration Settings
Bit Field
Value
M_VCO_CORE
0x0
M_VCO_BAND
0x0
M_VCO_BIAS
0x0
O_VCO_CORE
0x0
O_VCO_BAND
0x0
O_VCO_BIAS
0x0
CLKO_DIV_DB
0x0
DCLK_DIV_DB
0x0
O_VCO_DB
0x0
DEL_CTRL_DB
0x0
SPI Protocol Settings
The design goals stated for the SPI protocol (see the Serial Port
section) are 1.8 V logic, 4-wire SPI, and optimize SPI write se-
quence. REG0000, REG0001, and REG0018 have the SPI related
register bits, which are shown in Table 33 with the desired state
based on the design goals. The power-on default state is assumed
if the bit function is not listed as a design goal.
Table 33. SPI Summary - SPI Protocol
Bit Field
Value
CMOS_OV
0x0
SDO_ACTIVE, SDO_ACTIVE_R
0x1
ADDRESS_ASCENSION, AD-
DRESS_ASCENSION_R
0x0
SINGLE_INSTRUCTION
0x0
LSB_FIRST, LSB_FIRST_R
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com