Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 48Page - STMicroelectronics ST20-GP6 Datasheet HTML 49Page - STMicroelectronics ST20-GP6 Datasheet HTML 50Page - STMicroelectronics ST20-GP6 Datasheet HTML 51Page - STMicroelectronics ST20-GP6 Datasheet HTML 52Page - STMicroelectronics ST20-GP6 Datasheet HTML 53Page - STMicroelectronics ST20-GP6 Datasheet HTML 54Page - STMicroelectronics ST20-GP6 Datasheet HTML 55Page - STMicroelectronics ST20-GP6 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 123 page
background image
ST20-GP6
52/123
The contents of these addresses can be accessed via
ldtraph, sttraph, ldtrapped and sttrapped
instructions.
8.2
Boot ROM
There is 128K bytes of mask ROM on-chip. This is mapped to the upper 128K of bank 3
(addresses #7FFE0000 to #7FFFFFFF).
If mask ROM is not programmed, internal ROM is disabled and external ROM is used.
When the processor boots from ROM, it jumps to a boot program held in ROM with an entry point 2
bytes from the top of memory at #7FFFFFFE. These 2 bytes are used to encode a negative jump
of up to 256 bytes down in the ROM program. For large ROM programs it may then be necessary
to encode a longer negative jump to reach the start of the routine.
8.3
Internal peripheral space
On-chip peripherals are mapped to addresses in the address range #00000000 to #3FFFFFFF).
They can only be accessed by the device access instructions (see Table 7.19). When used with
addresses in this range, the device instructions access the on-chip peripherals rather than external
memory. For all other addresses the device instructions access memory. Standard load/store
instructions to these addresses will access external memory.
Each on-chip peripheral occupies a 4K block, see the following memory map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com