Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 70Page - STMicroelectronics ST20-GP6 Datasheet HTML 71Page - STMicroelectronics ST20-GP6 Datasheet HTML 72Page - STMicroelectronics ST20-GP6 Datasheet HTML 73Page - STMicroelectronics ST20-GP6 Datasheet HTML 74Page - STMicroelectronics ST20-GP6 Datasheet HTML 75Page - STMicroelectronics ST20-GP6 Datasheet HTML 76Page - STMicroelectronics ST20-GP6 Datasheet HTML 77Page - STMicroelectronics ST20-GP6 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 123 page
background image
ST20-GP6
74/123
The
SysRatio register, see Table 11.8 on page 69, gives the speed at which the system PLL is
running. It contains the relevant PLL multiply ratio when using the PLL, or contains the value ‘1’
when in
TimesOneMode for the PLL.
13.3.2 Clocking sources
The real time clock and low power timer and alarm must be clocked at all times by one of the following
clocking sources:
•
External clock input (
LowPowerClockIn) — this clock must not be more than one eighth of
the system clock rate. In this case the
LowPowerClockOsc pin should not be connected
on the board.
•
Watch crystal, as in Figure 13.1.
Figure 13.1 Watch crystal clocking source
SpeedSelect1
SpeedSelect0
Processor clock
speed (MHz)
Processor
cycle time (ns)
approximate
Phase lock loop
factor (PLLx)
0
0
RESERVED
0
1
16.368
61.1
TimesOneModea
a. In TimesOneMode the PLL is disabled to reduce power consumption.
1
0
32.736
30.5
2
1
1
49.104
20.4
3
Table 13.1 Processor speed selection
internal low power clock
watch crystal
LowPowerClockOsc
LowPowerClockIn
(32768 Hz)
GND
GND
22 pF
10 pF
A
B
A - this node should have very low capacitance < 10 pF.
B - this node must have zero dc load.
330 K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com