Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 13Page - STMicroelectronics ST20-GP6 Datasheet HTML 14Page - STMicroelectronics ST20-GP6 Datasheet HTML 15Page - STMicroelectronics ST20-GP6 Datasheet HTML 16Page - STMicroelectronics ST20-GP6 Datasheet HTML 17Page - STMicroelectronics ST20-GP6 Datasheet HTML 18Page - STMicroelectronics ST20-GP6 Datasheet HTML 19Page - STMicroelectronics ST20-GP6 Datasheet HTML 20Page - STMicroelectronics ST20-GP6 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 123 page
background image
ST20-GP6
17/123
erator. Note, the
PRNphase0-11 register should only be updated when the PRNphase0-11WrEn
register has been cleared by the hardware.
NCOfrequency0-11 registers
The
NCOfrequency0-11 registers hold a signed 18-bit value that is added repetitively, ignoring
overflows, to the accumulated NCO phase from which the NCO sine and cosine waveforms are
generated. The addition is performed at a 264 KHz rate (16.368MHz/62). The accumulated NCO
phase is not accessible to the software, but can be cleared when initialising the channel if enabled
by the
DSPControl register.
Each
unit
value
in
the
NCOfrequency0-11 register represents 264KHz/(218), i.e.
1.007080078125 Hz.
If the extreme values are written, #1FFFF and #20000, the sine wave generated will be at approxi-
mately +132 KHz, and precisely -132 KHz respectively.
NCOphase0-11 registers
The
NCOphase0-11 registers contents are added to the accumulated phase to correct the carrier
for the final 1 Hz that cannot be resolved by the NCO frequency. This addition is not cumulative,
and the value must be updated regularly by the software as a result of carrier phase errors mea-
sured on the satellite signal. The register holds a signed 7-bit field representing +/-180 degrees
total in steps of 2.8125 degrees (360/128).
PRNphase0-11WrEn
DSP base address + #40 to #6C
Read only
Bit
Bit field
Function
0
PRNphaseWrEn
Set when the corresponding
PRNphase0-11 register is set.
Table 3.5
PRNphase0-11WrEn register format
NCOfrequency0-11
DSP base address + #80 to #AC
Write only
Bit
Bit field
Function
17:0
NCOfrequency
NCO frequency as a signed 18-bit value.
Table 3.6
NCOfrequency0-11 register format
NCOphase0-11
DSP base address + #C4 to #EC
Write only
Bit
Bit field
Function
6:0
NCOphase
NCO phase as a signed 7-bit value representing +/-180 degrees total in steps of
2.8125 degrees (360/128).
Table 3.7
NCOphase0-11 register format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com