Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 65Page - STMicroelectronics ST20-GP6 Datasheet HTML 66Page - STMicroelectronics ST20-GP6 Datasheet HTML 67Page - STMicroelectronics ST20-GP6 Datasheet HTML 68Page - STMicroelectronics ST20-GP6 Datasheet HTML 69Page - STMicroelectronics ST20-GP6 Datasheet HTML 70Page - STMicroelectronics ST20-GP6 Datasheet HTML 71Page - STMicroelectronics ST20-GP6 Datasheet HTML 72Page - STMicroelectronics ST20-GP6 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 123 page
background image
ST20-GP6
69/123
SysRatio
The
SysRatio register is a read only register and gives the speed at which the system PLL is running.
It contains the relevant PLL multiply ratio when using the PLL, or contains the value ‘1’ when in
TimesOneMode for the PLL.
Table 11.8
SysRatio register format
SysRatio
LPC base address + #500
Read
Bit
Bit field
Function
1:0
SysRatio
PLL speed, as follows:
SysRatio PLL
0
x4
RESERVED
1
x1
16.368 MHz
2
x2
32.736 MHz
3
x3
49.104 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com