Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 75Page - STMicroelectronics ST20-GP6 Datasheet HTML 76Page - STMicroelectronics ST20-GP6 Datasheet HTML 77Page - STMicroelectronics ST20-GP6 Datasheet HTML 78Page - STMicroelectronics ST20-GP6 Datasheet HTML 79Page - STMicroelectronics ST20-GP6 Datasheet HTML 80Page - STMicroelectronics ST20-GP6 Datasheet HTML 81Page - STMicroelectronics ST20-GP6 Datasheet HTML 82Page - STMicroelectronics ST20-GP6 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 123 page
background image
ST20-GP6
79/123
14.4 Controlling the diagnostic controller
This section gives a summary of host communications with the diagnostic controller.
The diagnostic controller has direct access to:
•
the instruction pointer,
•
a selection of CPU state control signals,
•
the memory bus,
•
memory-mapped peripheral configuration registers.
This access does not depend on the state of the CPU. Access to non-memory-mapped peripheral
configuration registers is via the CPU, and for this the CPU must be active and running the appro-
priate handler.
The host can give two commands to the diagnostic controller:
peek and poke. Peek reads memory
locations or configuration registers, and
poke writes to memory locations or configuration registers.
The diagnostic controller responds to a
peek command with a peeked message, giving the con-
tents of the peeked addresses.
The diagnostic controller has registers, which are accessed from the host using
peek and poke
commands. The registers are used to control breakpoints, watchpoints, datawatch, tracing and
other facilities.
The target CPU can also access these registers using the normal device load and store instruc-
tions, so the target software running on the CPU can program its own diagnostic controller. A lock
is provided to prevent CPU access, which can be released by the diagnostic controller when a
breakpoint or watchpoint match occurs.
In addition, the target CPU can
peek and poke the host via the diagnostic controller by reading or
writing addresses in the top half of the memory space of the diagnostic controller. This facility can
be disabled.
Various different types of CPU events can be selected as
trigger events. When an trigger event
occurs, the diagnostic controller can send a
triggered message.
The four types of message are summarized in Table 14.1. The messages are distinguished by the
two least significant bits of the message header byte.
Messages may be initiated from either the host or the target. Target initiated messages, which con-
stitute asynchronous or unsolicited messages, can be enabled by a property bit.
Messages are composed of a header byte followed by zero or more data bytes, depending on the
type of message. The formats for the four message types are shown in Figure 14.2.
Message type
Direction
Bit 1
Bit 0
Meaning
poke
Command.
0
0
Write to one or more addresses.
peek
Command.
0
1
Read from one or more addresses.
peeked
Opposite to
peek command.
1
0
The result of a
peek command.
triggered
DCU to host.
1
1
A trigger event has occurred.
Table 14.1 Types of diagnostic controller message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com