Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 26Page - STMicroelectronics ST20-GP6 Datasheet HTML 27Page - STMicroelectronics ST20-GP6 Datasheet HTML 28Page - STMicroelectronics ST20-GP6 Datasheet HTML 29Page - STMicroelectronics ST20-GP6 Datasheet HTML 30Page - STMicroelectronics ST20-GP6 Datasheet HTML 31Page - STMicroelectronics ST20-GP6 Datasheet HTML 32Page - STMicroelectronics ST20-GP6 Datasheet HTML 33Page - STMicroelectronics ST20-GP6 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 123 page
background image
ST20-GP6
30/123
5
Interrupt controller
The ST20-GP6 supports external interrupts, enabling an on-chip subsystem or external interrupt
pin to interrupt the currently running process in order to run an interrupt handling process
The ST20-GP6 interrupt subsystem supports eight prioritized interrupts. This allows nested pre-
emptive interrupts for real-time system design. In addition, there is an interrupt level controller
(refer to Chapter 6) which multiplexes incoming interrupts onto the eight programmable interrupt
levels. This multiplexing is controllable by software. There are 6 sources of interrupts. Four of these
are internal (2 for the UARTs, 2 for the programmable IO) and two are external.
All interrupts are a higher priority than the low priority process queue. Each interrupt can be pro-
grammed to be at a lower priority or a higher priority than the high priority process queue, this is
determined by the
Priority bit in the HandlerWptr0-7 registers, see Table 5.1 on page 33.
Note: Interrupts (
Interrupt0-7) which are specified as higher priority must be contiguous from the
highest numbered interrupt downwards, i.e. if 4 interrupts are programmed as higher priority and 4
as lower priority the higher priority interrupts must be
Interrupt7:4 and the lower priority interrupts
Interrupt3:0.
Note that interrupt handlers must not prevent the GPS DSP data traffic from being handled. During
continuous operation this has 1 ms latency and is not a problem, but during initial acquisition it has
a32
µs rate and thus care must be taken with interrupt priorities unless used to stop GPS opera-
tion.
Figure 5.1 Interrupt priority
Interrupt 7
Interrupt 0
High priority
Low priority
Increasing
pre-emption
.
..
.
process
process
Interrupt 7
Interrupt 0
.
..
.
when Priority bit set to 1
when Priority bit set to 1
when Priority bit set to 0
when Priority bit set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com