Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 10Page - STMicroelectronics ST20-GP6 Datasheet HTML 11Page - STMicroelectronics ST20-GP6 Datasheet HTML 12Page - STMicroelectronics ST20-GP6 Datasheet HTML 13Page - STMicroelectronics ST20-GP6 Datasheet HTML 14Page - STMicroelectronics ST20-GP6 Datasheet HTML 15Page - STMicroelectronics ST20-GP6 Datasheet HTML 16Page - STMicroelectronics ST20-GP6 Datasheet HTML 17Page - STMicroelectronics ST20-GP6 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 123 page
background image
ST20-GP6
14/123
determines whether the accumulated carrier phase in the NCO are reset to zero automatically or
continue from their existing value. The bit allocations are given in Table 3.1.
PRNcode0-11 registers
The
PRNcode0-11 registers choose the code for the particular satellite, and writing these causes a
reset to the accumulated carrier phase in the NCO for the corresponding channel, if enabled by the
DSPControl register.
The bit-fields for selecting particular GPS satellites are given in Table 3.3.
DSPControl
DSP base address + #140
Write only
Bit
Bit field
Function
1:0
SampleRate
These bits control the sampling rate (the rate at which data is sent to the DMA
controller). The encoding of these bits is as follows:
SampleRate[1:0]
Transfer period
No. of samples
accumulated
Mode
00
840
µs
256
Tracking
01
970
µs
256
10
31
µs
8
Acquisition
11
62
µs16
2
NCOResetEnable
When set to 1, the accumulated NCO phase for a channel is reset when the cor-
responding PRN code register is written.
3
PRNDisable
When set to 1, all PRN generators are disabled.
Table 3.1
DSPControl register format
PRNcode0-11
DSP base address + #00 to #2C
Write only
Bit
Bit field
Function
6:0
PRNcode
Satellite code as a 7-bit value.
Table 3.2
PRNcode0-11 register format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com