| Electronic Components Datasheet Search |
|
ST20-GP6 Datasheet(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-GP6 Datasheet(HTML) 64 Page - STMicroelectronics |
|
64 / 123 page ![]() ST20-GP6 64/123 EMIConfigData3Bank0-3 The EMIConfigData2Bank0-3 registers contain configuration data for each of the EMI banks. The format of each of the EMIConfigData3 registers is shown in Table 10.7. EMIConfigLockBank0-3 registers The EMIConfigLockBank0-3 registers (one for each bank) allow the configuration data registers to be locked. This prevents an accidental overwrite from destroying the emi configuration. A system reset clears these registers. EMIConfigStatus register The EMIConfigStatus register is provided to indicate which registers have been written to and the status of the lock bits. Table 10.9 shows the format of the EMIConfigStatus register. EMIConfigData3Bank0-3 EMI base address + #0C, #1C, #2C, #3C Read/Write Bit Bit field Function 0 LatchPoint Position of latch point in cycle. 0 = 1 cycle before end of access cycle 1 = end of access cycle 15:1 Reserved, write 0. Table 10.7 EMIConfigData3 register format - 1 per bank EMIConfigLockBank0-3 EMI base address + #40, #44, #48, #4C Write only Bit Bit field Function 0 ConfigLock Write protection bit. When set, EMIConfigData0-3 for the bank is read only. Table 10.8 EMIConfigLock register format - 1 per bank EMIConfigStatus EMI base address + #50 Read only Bit Bit field Function 0 WrittenBank0 Bank 0 configuration data registers have been written to. 1 WrittenBank1 Bank 1configuration data registers have been written to. 2 WrittenBank2 Bank 2 configuration data registers have been written to. 3 WrittenBank3 Bank 3 configuration data registers have been written to. 4 WriteLockBank0 EMIConfigData0-3Bank0 registers are write protected. 5 WriteLockBank1 EMIConfigData0-3Bank1 registers are write protected. 6 WriteLockBank2 EMIConfigData0-3Bank2 registers are write protected. 7 WriteLockBank3 EMIConfigData0-3Bank3 registers are write protected. Table 10.9 EMIConfigStatus register format |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |