| Electronic Components Datasheet Search |
|
ST20-GP6 Datasheet(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-GP6 Datasheet(HTML) 28 Page - STMicroelectronics |
|
28 / 123 page ![]() ST20-GP6 28/123 tion it returns to the trapped process via the tret (trap return) instruction. This reloads the values saved in the trapped process structure and clears the trap flag in Status. Note that when a trap handler is started, Areg, Breg and Creg are not saved. The trap handler must save the Areg, Breg, Creg registers using stl (store local). 4.6.4 Trap instructions Trap handlers and trapped processes can be set up and examined via the ldtraph, sttraph, ldtrapped and sttrapped instructions. Table 4.7 describes the instructions that may be used when dealing with traps. The first four instructions transfer data to/from the trap handler structures or trapped process struc- tures from/to an area in memory. In these instructions Areg contains the trap group code (see Table 4.3) and Breg points to the 4 word area of memory used as the source or destination of the transfer. In addition Creg contains the priority of the handler to be installed/examined in the case of ldtraph or sttraph. ldtrapped and sttrapped apply only to the current priority. If the LoadTrap trap is enabled then ldtraph and ldtrapped do not perform the transfer but set the LoadTrap trap flag. If the StoreTrap trap is enabled then sttraph and sttrapped do not perform the transfer but set the StoreTrap trap flag. The trap enable masks are encoded by an array of bits (see Table 4.4) which are set to indicate which traps are enabled. This array of bits is stored in the lower half-word of the Enables register. There is an Enables register for each priority. Traps are enabled or disabled by loading a mask into Areg with bits set to indicate which traps are to be affected and the priority to affect in Breg.Exe- cuting trapenb ORs the mask supplied in Areg with the trap enables mask in the Enables register for the priority in Breg. Executing trapdis negates the mask supplied in Areg and ANDs it with the trap enables mask in the Enables register for the priority in Breg. Both instructions return the pre- vious value of the trap enables mask in Areg. Instruction Meaning Use ldtraph load trap handler Load the trap handler from memory to the trap handler descriptor. sttraph store trap handler Store an existing trap handler descriptor to memory. ldtrapped load trapped Load replacement trapped process status from memory. sttrapped store trapped Store trapped process status to memory. trapenb trap enable Enable traps. trapdis trap disable Disable traps. tret trap return Used to return from a trap handler. causeerror cause error Program can simulate the occurrence of an error. Table 4.7 Instructions which may be used when dealing with traps |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |