| Electronic Components Datasheet Search |
|
ST20-GP6 Datasheet(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-GP6 Datasheet(HTML) 58 Page - STMicroelectronics |
|
58 / 123 page ![]() ST20-GP6 58/123 10.1 EMI signal descriptions The following section describes the functions of the EMI pins. Note that a signal name prefixed by not indicates active low. MemAddr1-19 External address bus. The ST20-GP6 uses 30 bits of addressing internally but only the bottom 18 bits are brought out to external pins ( MemAddr2-19); MemAddr1 is generated by the EMI. MemAddr1-19 is valid and constant for the whole duration of an external access. The memory locations in each bank can be accessed at multiple addresses, as bits 20-29 are ignored when making external accesses. MemData0-15 External data bus. The data bus may be configured to be either 8 or 16 bits wide on a per bank basis. MemData0 is always the least significant bit. MemData7 is the most significant bit in 8-bit mode and MemData15 is the most significant bit in 16-bit mode. When performing a write access to a bank configured to be 8-bits wide, MemData8-15 are held in a high-impedance state for the duration of the access; MemData0-7 behave according to the configuration parameters as specified in Section 10.4. When making a write to a bank configured to be 16-bits wide, MemData0-15 behave according to the configuration parameters. notMemCE0-3 Chip enable strobes, one per bank. The notMemCE0-3 strobe corresponding to the bank being accessed will be active on both reads and writes to that bank. notMemOE0 Output enable strobe. This strobe is shared between all four banks. The notMemOE0 strobe will be active only on reads to the bank. notMemBE0-1 Byte enable strobes to select bytes within a 16-bit half-word. These strobes are shared between all four banks. notMemBE0 always corresponds to data on MemData0-7 whether the bus is currently 8 or 16 bits wide. When the EMI is accessing a bank configured to be 16 bits wide, notMemBE1 corresponds to MemData8-15. When the EMI is accessing a bank configured to be 8 bits wide, notMemBE1 becomes address bit 0 and follows the timing of MemAddr1-19 for that bank. MemWait Halt external access. The EMI samples MemWait at or just after the midpoint of an access. If MemWait is sampled high, the access is stalled. MemWait will then continue to be sampled and the access proceeds when MemWait is sampled low. The action of MemWait may be disabled by software, see Section 10.3. No mechanism is provided to abort an access; if MemWait is held high too long the EMI will become a contentious resource and may stall the ST20-GP6. MemReadnotWrite The MemReadnotWrite pin indicates if the current access is a read or a write. BusWidth This signal is sampled immediately after reset and determines the initial bus width of all banks after reset. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |