| Electronic Components Datasheet Search |
|
ST20-GP6 Datasheet(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-GP6 Datasheet(HTML) 72 Page - STMicroelectronics |
|
72 / 123 page ![]() ST20-GP6 72/123 that an update of the registers is in progress. A new value must not be written to the RTC counters until this status bit clears (up to two RTC clock cycles later). WDTclear registers The watchdog counter is cleared by writing to two registers ( WDTclearA and WDTclearB regis- ters). Each of these must have the correct values (0xA and 0x5, respectively) written to them in either order to clear the counter. WDTstatus register The WDTstatus register can be read to determine if the device was reset by the notRST input or by a watchdog time-out. This status bit is reset only by the notRST input to the chip. RTCstatus RTC/WDT base address + #08 Read Bit Bit field Function 0 RESERVED Always returns 0. 1 Loading Indicates whether an update of the registers is in progress. 0 = RTCweeks and RTCmilliseconds registers can be written; 1 = RTC update in progress. RTCweeks and RTCmilliseconds registers cannot be written Table 12.4 RTCstatus register format WDTclearA RTC/WDT base address + #10 Write Bit Bit field Function 3:0 WDTclearA First WDT clear address. Write 0xA. Table 12.5 WDTclearA register format WDTclearB RTC/WDT base address + #14 Write Bit Bit field Function 3:0 WDTclearB Second WDT clear address. Write 0x5. Table 12.6 WDTclearB register format WDTstatus RTC/WDT base address + #18 Read Bit Bit field Function 0 WDTstatus Watchdog timer status flag. 0 = chip reset normally (by an external notRST) 1 = chip reset by watchdog timer Table 12.7 WDTstatus register format |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |