| Electronic Components Datasheet Search |
|
ST20-GP6 Datasheet(PDF) 75 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-GP6 Datasheet(HTML) 75 Page - STMicroelectronics |
|
75 / 123 page ![]() ST20-GP6 75/123 14 Diagnostic controller The ST20 Diagnostic Controller Unit (DCU) provides a means for booting the CPU, and for the con- trol and monitoring of all systems on the chip, via the standard IEEE 1194.1 Test Access Port. The Test Access Port is described in Chapter 23. The DCU includes on-chip hardware with ICE (In Cir- cuit Emulation) and LSA (Logic State Analyzer) features to facilitate verification and debugging of software running on the on-chip CPU in real time. It is an independent hardware module with a pri- vate link from the host to support real-time diagnostics. 14.1 Diagnostic hardware The on-chip diagnostic controller assists in debugging, while reducing or eliminating the intrusion into the target code space, the CPU utilization, and impact on the application. As shown in Figure 14.1, the DCU and TAP provide a means of connecting a diagnostic host to a target board with a suitable JTAG port connector and interface. Figure 14.1 Debugging hardware The diagnostic controller provides the following facilities for debugging from a host: • control of target CPU and subsystems including CPU boot; • hardware breakpoint, watchpoint, datawatch and single instruction step; • complex trigger sequencing and choice of subsequent actions; • non-intrusive jump trace and instruction pointer profiling; • access to the memory of the target while the device is powered up, regardless of the state of the CPU; • full debugging of ROM code. When running multi-tasking code on the target, one or more processes can be single-stepped or stopped while others continue running in real time. In this case, the running threads can be inter- rupted by incoming hardware interrupts, with a low latency. Host Host interface Test access port Diagnostic controller ST20 Logic state analyzer |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |