Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 47Page - STMicroelectronics ST20-GP6 Datasheet HTML 48Page - STMicroelectronics ST20-GP6 Datasheet HTML 49Page - STMicroelectronics ST20-GP6 Datasheet HTML 50Page - STMicroelectronics ST20-GP6 Datasheet HTML 51Page - STMicroelectronics ST20-GP6 Datasheet HTML 52Page - STMicroelectronics ST20-GP6 Datasheet HTML 53Page - STMicroelectronics ST20-GP6 Datasheet HTML 54Page - STMicroelectronics ST20-GP6 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 123 page
background image
ST20-GP6
51/123
8
Memory map
The ST20-GP6 processor memory has a 32-bit signed address range. Words are addressed by
30-bit word addresses and a 2-bit byte-selector identifies the bytes in the word. Memory is divided
into 4 banks which can each have different memory characteristics and can be used for different
purposes. In addition, on-chip peripherals can be accessed via the device access instructions (see
Table 7.19). The bottom 16 Kbytes of the internal SRAM are powered from the battery backup
supply.
Various memory locations at the bottom and top of memory are reserved for special system
purposes. There is also a default allocation of memory banks to different uses.
Note that the ST20-GP6 uses 30 bits of addressing internally, but addresses A20-A29 are not
brought out to external pins. Address bits A30 and A31 are decoded internally for use as bank
selects.
8.1
System memory use
The ST20-GP6 has a signed address space where the address ranges from
MinInt (#80000000)
at the bottom to
MaxInt (#7FFFFFFF) at the top. The ST20-GP6 has an area of 64 Kbytes of
SRAM at the bottom of the address space provided by on chip memory. The bottom of this area is
used to store various items of system state. These addresses should not be accessed directly but
via the appropriate instructions.
Near the bottom of the address space there is a special address
MemStart. Memory above this
address is for use by user programs while addresses below it are for private use by the processor
and used for subsystem channels and trap handlers. The address of
MemStart can be obtained
via the
ldmemstartval instruction.
8.1.1 Subsystem channels memory
Each DMA channel between the processor and a subsystem is allocated a word of storage below
MemStart. This is used by the processor to store information about the state of the channel. This
information should not normally be examined directly, although debugging kernels may need to do
so.
8.1.2 Trap handlers memory
The area of memory reserved for trap handlers is broken down hierarchically. Full details on trap
handlers is given in see Section 4.6 on page 23.
•
Each high/low process priority has a set of trap handlers.
•
Each set of trap handlers has a handler for each of the four trap groups (refer to Section
4.6.1).
•
Each trap group handler has a trap handler structure and a trapped process structure.
•
Each of the structures contains four words, as detailed in Section 4.6.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com