Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 87 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 83Page - STMicroelectronics ST20-GP6 Datasheet HTML 84Page - STMicroelectronics ST20-GP6 Datasheet HTML 85Page - STMicroelectronics ST20-GP6 Datasheet HTML 86Page - STMicroelectronics ST20-GP6 Datasheet HTML 87Page - STMicroelectronics ST20-GP6 Datasheet HTML 88Page - STMicroelectronics ST20-GP6 Datasheet HTML 89Page - STMicroelectronics ST20-GP6 Datasheet HTML 90Page - STMicroelectronics ST20-GP6 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 123 page
background image
ST20-GP6
87/123
Figure 15.4 ASC status and interrupt registers
15.4.1 Using the ASC interrupts when fifos are disabled
When fifos are disabled, the ASC provides three interrupt requests to control data exchange via the
serial channel:
•
TxHalfEmpty is activated when data is moved from ASCTxBuffer to the txshift register.
•
TxEmpty is activated before the stop bit is transmitted.
•
RxBufFull is activated when the received frame is moved to ASCRxBuffer.
For single transfers it is sufficient to use the transmitter interrupt (
TxEmpty), which indicates that
the previously loaded data has been transmitted, except for the stop bit.
For multiple back-to-back transfers using
TxEmpty would leave just one stop bit time for the han-
dler to respond to the interrupt and initiate another transmission. Using the transmit buffer interrupt
(
TxHalfEmpty) to reload transmit data allows the time to transmit a complete frame for the service
routine, as
ASCTxBuffer may be reloaded while the previous data is still being transmitted.
ASCStatus
RxBufFull
TxEmpty
TxHalfEmpty
ParityError
FrameError
OverrunError
0
1
2
3
4
5
TimeoutNotEmpty
TimeoutIdle
RxHalfFull
6
7
9
TxFull
8
ASCIntEnable
RxBufFull IE
TxEmpty IE
TxHalfEmpty IE
ParityError IE
FrameError IE
OverrunError IE
TimeoutNotEmpty IE
TimeoutIdle IE
RxHalfFull IE
ASC_interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com