Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 58Page - STMicroelectronics ST20-GP6 Datasheet HTML 59Page - STMicroelectronics ST20-GP6 Datasheet HTML 60Page - STMicroelectronics ST20-GP6 Datasheet HTML 61Page - STMicroelectronics ST20-GP6 Datasheet HTML 62Page - STMicroelectronics ST20-GP6 Datasheet HTML 63Page - STMicroelectronics ST20-GP6 Datasheet HTML 64Page - STMicroelectronics ST20-GP6 Datasheet HTML 65Page - STMicroelectronics ST20-GP6 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 123 page
background image
ST20-GP6
62/123
10.4 EMI configuration registers
The following is a summary of the configuration registers format. Times are programmed in cycles
or phases: a cycle is one clock cycle, a phase is half a clock cycle.
There are 4 data configuration registers for each of the EMI banks. The base addresses for the EMI
registers is #00002000.
EMIConfigData0Bank0-3
The
EMIConfigData0Bank0-3 registers contain configuration data for each of the EMI banks. The
format of each of the
EMIConfigData0 registers is shown in Table 10.3.
EMIConfigData0Bank0-3
EMI base address + #00, #10, #20, #30
Read/Write
Bit
Bit field
Function
Units
2:0
DeviceType
Device type. Sets the format of the configuration register. This must
be set to 001 on the ST20-GP6.
001 = SRAM/peripheral
-
4:3
Portsize
Port size
00 = reserved
01 = reserved
10 = 16 bit
11 = 8 bit
-
6:5
BEactive
notMemBE active, see Table 10.4 below.
-
8:7
OEactive
notMemOE active, see Table 10.4 below.
-
10:9
CEactive
notMemCE active, see Table 10.4 below.
-
12:11
BusReleaseTime
Duration bus release time. 0 to 3 cycles
Cycles
15:13
DataDriveDelay
Drive delay of data bus for writes. 0 to 7 phases
Phases
Table 10.3
EMIConfigData0 register format - 1 per bank
CE/OE/BE
ActiveCode
Strobe activity
00
Inactive
01
Active during read only
10
Active during write only
11
Active during read and write
Table 10.4 Strobe configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com